Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-1VC1H221J Datasheet(PDF) 5 Page - International Rectifier

Part # ECJ-1VC1H221J
Description  HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VC1H221J Datasheet(HTML) 5 Page - International Rectifier

  ECJ-1VC1H221J Datasheet HTML 1Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 2Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 3Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 4Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 5Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 6Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 7Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 8Page - International Rectifier ECJ-1VC1H221J Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Rev 4.0
5
PD-97516
IR3853MPbF
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
Vin
Input Voltage
1.5
21*
Vcc
Supply Voltage
4.5
5.5
Boot to SW
Supply Voltage
4.5
5.5
Vo
Output Voltage
0.7
0.9*Vin
V
Io
Output Current
0
4
A
Fs
Switching Frequency
225
1650
kHz
Tj
Junction Temperature
-40
125
oC
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER STAGE
Power Losses
Ploss
Vcc=5V, Vin=12V, Vo=1.8V,
Io=4A, Fs=600kHz, L=2.2uH,
Note4
0.642
W
Top Switch
Rds(on)_Top
VBoot -Vsw =5V, ID=4A, Tj=25oC
21
29
Bottom Switch
Rds(on)_Bot
Vcc=5V, ID=4A, Tj=25
oC
19.75
26.5
m
Ω
Deadband Time
Tdb
Note4
5
10
30
ns
Bootstrap Diode Forward
Voltage
I(Boot)= 30mA
180
260
470
mV
Isw
SW=0V, Enable=0V
SW leakage Current
SW=0V, Enable=high, SS=3V,
Vseq=0V, Note4
6
uA
SUPPLY CURRENT
VCC Supply Current (Standby)
ICC(Standby)
SS=0V, Vcc=5V, Enable low ,
No Switching
500
uA
VCC Supply Current (Dyn)
ICC(Dyn)
SS=3V, Vcc=5V, Enable high,
Fs=500kHz
6
11
mA
REFERENCE VOLTAGE
Feedback Voltage
VFB
0.7
V
0
oC<Tj<125oC
-1.0
+1.0
Accuracy
-40
oC<Tj<125oC, Note3
-2.0
-2.0
%
SOFT START / SD
Soft Start Current
ISS
Source
14
20
26
uA
Soft Start Clamp Voltage
Vss(clamp)
2.7
3.0
3.3
Shutdown Output Threshold
SD
0.3
V
*SW node should not exceed 25V
Electrical Specifications
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vin=12V, 0
oC<T
j< 125
oC.
Typical values are specified at T
a = 25
oC.


Similar Part No. - ECJ-1VC1H221J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-1VC1H221J IRF-ECJ-1VC1H221J Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VC1H221J IRF-ECJ-1VC1H221J Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
ECJ-1VC1H221J IRF-ECJ-1VC1H221J Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
ECJ-1VC1H221J IRF-ECJ-1VC1H221J Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VC1H221J

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com