Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV-FK1E680P Datasheet(PDF) 10 Page - International Rectifier

Part # EEV-FK1E680P
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EEV-FK1E680P Datasheet(HTML) 10 Page - International Rectifier

Back Button EEV-FK1E680P Datasheet HTML 6Page - International Rectifier EEV-FK1E680P Datasheet HTML 7Page - International Rectifier EEV-FK1E680P Datasheet HTML 8Page - International Rectifier EEV-FK1E680P Datasheet HTML 9Page - International Rectifier EEV-FK1E680P Datasheet HTML 10Page - International Rectifier EEV-FK1E680P Datasheet HTML 11Page - International Rectifier EEV-FK1E680P Datasheet HTML 12Page - International Rectifier EEV-FK1E680P Datasheet HTML 13Page - International Rectifier EEV-FK1E680P Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IR3865MPBF
10
8/8/2012 Rev3.1
Figure 14: Load Transient 0-4A
Figure 15: Load Transient 6-10A
Figure 18: Thermal Image at VIN = 12V, I
OUT =
10A (IR3865: 81oC, Inductor: 52oC, PCB: 39oC)
VOUT
PHASE
i
L
VOUT
PHASE
i
L
20mV/div 5V/div 5A/div
50µs/div
50mV/div 5V/div 2A/div
50µs/div
Figure 19: Thermal Image at VIN = 16V, I
OUT =
10A (IR3865: 84oC, Inductor: 53oC, PCB: 39oC)
Figure 16: DCM/FCCM Transition
Figure 17: FCCM/DCM Transition
FCCM
FCCM
PHASE
PHASE
i
L
i
L
VOUT
VOUT
5V/div 10V/div 500mV/div
10µs/div
5A/div
2V/div 10V/div 500mV/div
5µs/div
5A/div
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, T
A = 25
oC, no
airflow, unless otherwise specified


Similar Part No. - EEV-FK1E680P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
EEV-FK1E680P IRF-EEV-FK1E680P Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - EEV-FK1E680P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com