Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R5TPE330M9 Datasheet(PDF) 6 Page - International Rectifier

Part # 2R5TPE330M9
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2R5TPE330M9 Datasheet(HTML) 6 Page - International Rectifier

Back Button 2R5TPE330M9 Datasheet HTML 2Page - International Rectifier 2R5TPE330M9 Datasheet HTML 3Page - International Rectifier 2R5TPE330M9 Datasheet HTML 4Page - International Rectifier 2R5TPE330M9 Datasheet HTML 5Page - International Rectifier 2R5TPE330M9 Datasheet HTML 6Page - International Rectifier 2R5TPE330M9 Datasheet HTML 7Page - International Rectifier 2R5TPE330M9 Datasheet HTML 8Page - International Rectifier 2R5TPE330M9 Datasheet HTML 9Page - International Rectifier 2R5TPE330M9 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IR3865MPBF
6
8/8/2012 Rev3.1
PARAMETER
NOTE
TEST CONDITION
MIN
TYP
MAX
UNIT
GATE DRIVE
Deadtime
1
Monitor body diode conduction
on PHASE pin
5
30
ns
BOOTSTRAP PFET
Forward Voltage
I(BOOT) = 10mA
300
mV
UPPER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 10A, TJ = 25
oC
23
28
m
Ω
LOWER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 10A, TJ = 25
oC
10.7
13
m
Ω
FAULT PROTECTION
ISET Pin Output Current
On the basis of 25oC
17
19
21
µA
ISET Pin Output Current
Temperature Coefficient
1
On the basis of 25oC
4400
ppm/
oC
Under Voltage Threshold
Falling V
FB & Monitor PGOOD
0.37
0.4
0.43
V
Under Voltage Hysteresis
1
Rising V
FB
7.5
mV
Over Voltage Threshold
Rising V
FB & Monitor PGOOD
0.586 0.625
0.655
V
Over Voltage Hysteresis
1
Falling V
FB
7.5
mV
VCC Turn-on Threshold
-40oC to 125oC
3.9
4.2
4.5
V
VCC Turn-off Threshold
3.6
3.9
4.2
V
VCC Threshold Hysteresis
300
mV
EN Rising Threshold
-40oC to 125oC
1.1
1.25
1.45
V
EN Hysteresis
400
mV
EN Input Current
EN = 3.3V
15
µA
PGOOD Pull Down
Resistance
25
50
Ω
PGOOD Delay Threshold
(V
SS)
1
V
Thermal Shutdown
Threshold
1
125
140
oC
Thermal Shutdown
Threshold Hysteresis
1
20
oC
Note 1: Guaranteed by design, not tested in production
Note 2: Upgrade to industrial/MSL2 level applies from date codes 1227(marking explained on
application note AN1132 page 2). Products with prior date code of 1227 are qualified with MSL3
for Consumer Market.
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over VIN = 12V, 4.5V<VCC<5.5V, 0o
C ≤ T
J ≤ 125
oC.


Similar Part No. - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
2R5TPE330M9 IRF-2R5TPE330M9 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - 2R5TPE330M9

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com