Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8591CRMF-40 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8591CRMF-40
Description  ARINC 429 Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8591CRMF-40 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8591CRMF-40 Datasheet HTML 1Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 2Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 3Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 4Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 5Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 6Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 7Page - Holt Integrated Circuits HI-8591CRMF-40 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HI-8591
FUNCTIONAL DESCRIPTION
RECEIVER
Figure 1 shows the general architecture of the ARINC 429
receiver. The receiver operates off the VCC supply only.
The inputs RINA and RINB each require 140K
of resis-
tance between the ARINC bus and comparator. This resis-
tance is completely on-chip for the HI-8591. In contrast,
the HI-8591-40 has 100 K
on-chip and requires an exter-
nal 40K , ¼ watt resistor on each of the ARINC 429 input
pins. The HI-8591-40 device is typically chosen for appli-
cations where lightning protection is a requirement.
After level translation, the inputs are buffered and become
inputs to a differential amplifier. The amplitude of the differ-
ential signal is compared to levels derived from a divider
between VCC and Ground. The nominal settings corre-
W
W
W
spond to a One/Zero amplitude of 6.0V and a Null ampli-
tude of 3.3V.
The status of the ARINC receiver input is latched. A Null
input resets the latches and a One or Zero input sets the
latches.
The logic at the output is controlled by the test signal
which is generated by the logical OR of the TESTA and
TESTB pins. If TESTA and TESTB are both One, the HI-
8591 outputs are pulled low. This allows the digital out-
puts of a transmitter to be connected to the test inputs
through control logic for system self-test purposes.
TXBOUT
TXAOUT
TX1IN
TX0IN
ARINC
Channel
RINB
RINA
TESTA
TESTB
{
HARDWIRE
OR
DRIVE FROM LOGIC
ROUTB
ROUTA
3.3V
VCC
V-
-15V
GND
TXD0
TXD1
RXD0
RXD1
FPGA
ARINC
Channel
1
2
8
6
7
4
3
4
5
6
7
2
3
HI-8591
APPLICATION INFORMATION
15V
V+
8
5
HI-8586
SLP1.5
1
Figure 2 shows a possible application of the
HI-8591 interfacing an ARINC 429 bus input
to a 3.3V ASIC or FPGA. In this example a
HI-8586 ARINC 429 line driver is used to
take 3.3V logic outputs and generate the nec-
essary 10V differential signal for driving an
ARINC 429 bus.
GND
FIGURE 2 - APPLICATION DIAGRAM
TEST
RINA
RINB
NULL
ZERO
NULL
ONE
TESTA
ROUTB
ROUTA
FIGURE 1 - RECEIVER BLOCK DIAGRAM
SQ
R
LATCH
ESD
PROTECTION
AND
TRANSLATION
LATCH
SQ
TESTB
R
TESTA
TESTB
TEST
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8591CRMF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591CRMF-40 HOLTIC-HI-8591CRMF-40 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8591CRMF-40

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com