Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73H1JLTD2801F Datasheet(PDF) 2 Page - International Rectifier

Part # RK73H1JLTD2801F
Description  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RK73H1JLTD2801F Datasheet(HTML) 2 Page - International Rectifier

  RK73H1JLTD2801F Datasheet HTML 1Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 2Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 3Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 4Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 5Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 6Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 7Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 8Page - International Rectifier RK73H1JLTD2801F Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
IR3863MPBF
8/8/2012 Rev3.2
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
VIN, FF …………………………………………………. -0.3V to 25V
VCC, PGOOD, EN …………………………………..... -0.3V to 8.0V
BOOT …………………………………………………… -0.3V to 33V
PHASE …………………………………………………. -0.3V to 25V(DC), -5V(100ns)
BOOT to PHASE ………………………………………. -0.3V to 8V
ISET …………………………………………………….. -0.3V to 25V, 30mA
PGND to GND …………………………………………. -0.3V to +0.3V
All other pins …………………………………………… -0.3V to 3.9V
Storage Temperature Range ………………………… -65°C To 150°C
Junction Temperature Range ………………………… -40°C To 150°C
ESD Classification …………………………………….. JEDEC Class 1C
Moisture Sensitivity Level ……………………..……… JEDEC Level 2 @ 260°C (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
W
C
W
C
o
PCB
J
o
JA
/
2
/
32
-
PACKAGE INFORMATION
4mm x 5mm POWER QFN
ORDERING INFORMATION
PKG DESIG
PACKAGE
DESCRIPTION
PIN COUNT
PARTS PER
REEL
M
IR3863MTRPbF
17
4000
M
IR3863MTR1PbF
17
750


Similar Part No. - RK73H1JLTD2801F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RK73H1JLTD2801F IRF-RK73H1JLTD2801F Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
RK73H1JLTD2801F IRF-RK73H1JLTD2801F Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
RK73H1JLTD2801F IRF-RK73H1JLTD2801F Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
RK73H1JLTD2801F IRF-RK73H1JLTD2801F Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
RK73H1JLTD2801F IRF-RK73H1JLTD2801F Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - RK73H1JLTD2801F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com