Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR358FJ-TR Datasheet(PDF) 1 Page - Rohm

Part # LMR358FJ-TR
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR358FJ-TR Datasheet(HTML) 1 Page - Rohm

  LMR358FJ-TR Datasheet HTML 1Page - Rohm LMR358FJ-TR Datasheet HTML 2Page - Rohm LMR358FJ-TR Datasheet HTML 3Page - Rohm LMR358FJ-TR Datasheet HTML 4Page - Rohm LMR358FJ-TR Datasheet HTML 5Page - Rohm LMR358FJ-TR Datasheet HTML 6Page - Rohm LMR358FJ-TR Datasheet HTML 7Page - Rohm LMR358FJ-TR Datasheet HTML 8Page - Rohm LMR358FJ-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/38
30.NOV.2012 Rev.001
TSZ22111・14・001
Datasheet
Operational Amplifiers Series
Ground Sense Low Power
General Purpose Operational Amplifiers
LMR321G, LMR358xxx, LMR324xxx
●General Description
LMR321, LMR358 and LMR324 are single, dual and
quad low voltage operational amplifier with output full
swing.
LMR321, LMR358 and LMR324 are the most effective
solutions for applications where low supply current
consumption and low voltage operation.
●Features
 Operable with low voltage
 Input Ground Sense, Output Full Swing
 High open loop voltage gain
 Low supply current
 Low input offset voltage
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
SOP14
8.70mm x 6.20mm x 1.71mm
SOP-J14
8.65mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
●Applications
 Portable equipment
 Low voltage application
 Active filter
●Key Specifications
 Operable with low voltage (single supply):
+2.7V to +5.5V
 Low Supply Current:
LMR321
130µA(Typ.)
LMR358
210µA(Typ.)
LMR324
410µA(Typ.)
 High Slew Rate:
1.0V/µs(Typ.)
 Wide Temperature Range:
-40°C to +85°C
 Low Input Offset Current:
5nA (Typ.)
 Low Input Bias Current:
15nA (Typ.)
●Simplified schematic
Figure 1. Simplified schematic
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
class
AB control
VDD
IN+
IN-
VSS
OUT


Similar Part No. - LMR358FJ-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR358FJ ROHM-LMR358FJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR358FJ-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com