Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3EKF1300V Datasheet(PDF) 1 Page - International Rectifier

Part # ERJ-3EKF1300V
Description  HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF1300V Datasheet(HTML) 1 Page - International Rectifier

  ERJ-3EKF1300V Datasheet HTML 1Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 2Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 3Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 4Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 5Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 6Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 7Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 8Page - International Rectifier ERJ-3EKF1300V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev 9.0
1
PD-97506
IR3856WMPbF
Features
Greater than 95% Maximum Efficiency
Wide Input Voltage Range 1.5V to 16V
Wide Output Voltage Range 0.7V to 0.9*Vin
Continuous 6A Load Capability
Integrated Bootstrap-diode
High Bandwidth E/A for excellent transient
performance
Programmable Switching Frequency up to 1.5MHz
Programmable Over Current Protection
PGood output
Hiccup Current Limit
Precision Reference Voltage (0.7V, +/-1%)
Programmable Soft-Start
Enable Input with Voltage Monitoring Capability
Enhanced Pre-Bias Start-up
Seq input for Tracking applications
-40oC to 125oC operating junction temperature
Thermal Protection
4mm x 5mm Power QFN Package
Halogen Free, Lead Free and RoHS compliant
Applications
Server Applications
Storage Applications
Embedded Telecom Systems
Distributed Point of Load Power Architectures
Fig. 1. Typical application diagram
Description
The IR3856W SupIRBuckTM is an easy-to-use,
fully integrated and highly efficient DC/DC
synchronous Buck regulator. The MOSFETs co-
packaged with the on-chip PWM controller make
IR3856W a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3856W is a versatile regulator which offers
programmability of start up time, switching
frequency and current limit while operating in
wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
HIGHLY EFFICIENT
INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Netcom Applications
Computing Peripheral Voltage Regulators
General DC-DC Converters


Similar Part No. - ERJ-3EKF1300V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ERJ-3EKF1300V IRF-ERJ-3EKF1300V Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
ERJ-3EKF1300V IRF-ERJ-3EKF1300V Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
ERJ-3EKF1300V IRF-ERJ-3EKF1300V Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
ERJ-3EKF1300V IRF-ERJ-3EKF1300V Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
ERJ-3EKF1300V IRF-ERJ-3EKF1300V Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ERJ-3EKF1300V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856MPBF IRF-IR3856MPBF Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856M IRF-IR3856M_15 Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com