Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD02H0SK Datasheet(PDF) 6 Page - International Rectifier

Part # SD02H0SK
Description  6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK Datasheet(HTML) 6 Page - International Rectifier

Back Button SD02H0SK Datasheet HTML 2Page - International Rectifier SD02H0SK Datasheet HTML 3Page - International Rectifier SD02H0SK Datasheet HTML 4Page - International Rectifier SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier SD02H0SK Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
IR3863MPBF
8/8/2012 Rev3.2
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over VIN = 12V, 4.5V<VCC<5.5V, 0o
C ≤ T
J ≤ 125
oC.
PARAMETER
NOTE
TEST CONDITION
MIN
TYP
MAX
UNIT
GATE DRIVE
Deadtime
1
Monitor body diode conduction
on PHASE pin
5
30
ns
BOOTSTRAP PFET
Forward Voltage
I(BOOT) = 10mA
300
mV
UPPER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 5A, TJ = 25
oC
21.1
26
m
Ω
LOWER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 5A, TJ = 25
oC
20.1
25
m
Ω
FAULT PROTECTION
ISET Pin Output Current
On the basis of 25oC
17
19
21
µA
ISET Pin Output Current
Temperature Coefficient
1
On the basis of 25oC
4400
ppm/
oC
Under Voltage Threshold
Falling V
FB & Monitor PGOOD
0.37
0.4
0.43
V
Under Voltage Hysteresis
1
Rising V
FB
7.5
mV
Over Voltage Threshold
Rising V
FB & Monitor PGOOD
0.586 0.625
0.655
V
Over Voltage Hysteresis
1
Falling V
FB
7.5
mV
VCC Turn-on Threshold
-40oC to 125oC
3.9
4.2
4.5
V
VCC Turn-off Threshold
3.6
3.9
4.2
V
VCC Threshold Hysteresis
300
mV
EN Rising Threshold
-40oC to 125oC
1.1
1.25
1.45
V
EN Hysteresis
400
mV
EN Input Current
EN = 3.3V
15
µA
PGOOD Pull Down
Resistance
25
50
Ω
PGOOD Delay Threshold
(V
SS)
1
V
Thermal Shutdown
Threshold
1
125
140
oC
Thermal Shutdown
Threshold Hysteresis
1
20
oC
Note 1: Guaranteed by design, not tested in production
Note 2: Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on
application note AN1132 page 2). Products with prior date code of 1227 are qualified with MSL3
for Consumer Market.


Similar Part No. - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
SD02H0SK IRF-SD02H0SK Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - SD02H0SK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com