Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR324F-E2 Datasheet(PDF) 3 Page - Rohm

Part # LMR324F-E2
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR324F-E2 Datasheet(HTML) 3 Page - Rohm

  LMR324F-E2 Datasheet HTML 1Page - Rohm LMR324F-E2 Datasheet HTML 2Page - Rohm LMR324F-E2 Datasheet HTML 3Page - Rohm LMR324F-E2 Datasheet HTML 4Page - Rohm LMR324F-E2 Datasheet HTML 5Page - Rohm LMR324F-E2 Datasheet HTML 6Page - Rohm LMR324F-E2 Datasheet HTML 7Page - Rohm LMR324F-E2 Datasheet HTML 8Page - Rohm LMR324F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
●Ordering Information
L
M
R
3
x
x
x
x
x
-
x x
Part Number
LMR321G
LMR358xxx
LMR324xxx
Package
G
: SSOP5
F
: SOP8, SOP14
FV
:
SSOP-B8
SSOP-B14
FVM : MSOP8
FJ
: SOP-J8
SOP-J14
FVJ :
TSSOP-B8J
TSSOP-B14J
FVT :
TSSOP-B8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP-J8/SSOP-B8/TSSOP-B8/
TSSOP-B8J/SOP14/SOP-J14/SSOP-B14
TSSOP-B14J)
TR: Embossed tape and reel
(SSOP5/MSOP8)
●Line-up
Topr
Input
type
VDD
(Min.)
Supply
Current
(Typ.)
Input Offset
Voltage
(Max.)
Package
Orderable
Part Number
-40°C to + 85°C
Ground
Sense
2.7V
130µA
±4mV
SSOP5
Reel of 3000
LMR321G-TR
210µA
±5mV
SOP8
Reel of 2500
LMR358F-E2
MSOP8
Reel of 3000
LMR358FVM-TR
SOP-J8
Reel of 2500
LMR358FJ-E2
SSOP-B8
Reel of 2500
LMR358FV-E2
TSSOP-B8
Reel of 3000
LMR358FVT-E2
TSSOP-B8J
Reel of 2500
LMR358FVJ-E2
410µA
±9mV
SOP14
Reel of 2500
LMR324F-E2
SOP-J14
Reel of 2500
LMR324FJ-E2
SSOP-B14
Reel of 2500
LMR324FV-E2
TSSOP-B14J
Reel of 2500
LMR324FVJ-E2


Similar Part No. - LMR324F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR324F ROHM-LMR324F Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FJ ROHM-LMR324FJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FV ROHM-LMR324FV Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR324FVJ ROHM-LMR324FVJ Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR324F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com