Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C47 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BZX55C47
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX55C47 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BZX55C47 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX55C47 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX55C47 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX55C47 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX55C47 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20121003
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
( )
Max
IZK
(mA)
ZZK @ IZK
( )
Max
IR @ VR
( A)
Max
VR
(Volts)
BZX55C 2V0
1.88
2.11
5
100
1
600
100
1
BZX55C 2V2
2.08
2.33
5
100
1
600
100
1
BZX55C 2V4
2.28
2.56
5
85
1
600
50
1
BZX55C 2V7
2.51
2.89
5
85
1
600
10
1
BZX55C 3V0
2.8
3.2
5
85
1
600
4
1
BZX55C 3V3
3.1
3.5
5
85
1
600
2
1
BZX55C 3V6
3.4
3.8
5
85
1
600
2
1
BZX55C 3V9
3.7
4.1
5
85
1
600
2
1
BZX55C 4V3
4.0
4.6
5
75
1
600
1
1
BZX55C 4V7
4.4
5.0
5
60
1
600
0.5
1
BZX55C 5V1
4.8
5.4
5
35
1
550
0.1
1
BZX55C 5V6
5.2
6.0
5
25
1
450
0.1
1
BZX55C 6V2
5.8
6.6
5
10
1
200
0.1
2
BZX55C 6V8
6.4
7.2
5
8
1
150
0.1
3
BZX55C 7V5
7.0
7.9
5
7
1
50
0.1
5
BZX55C 8V2
7.7
8.7
5
7
1
50
0.1
6.2
BZX55C 9V1
8.5
9.6
5
10
1
50
0.1
6.8
BZX55C 10
9.4
10.6
5
15
1
70
0.1
7.5
BZX55C 11
10.4
11.6
5
20
1
70
0.1
8.2
BZX55C 12
11.4
12.7
5
20
1
90
0.1
9.1
BZX55C 13
12.4
14.1
5
26
1
110
0.1
10
Cathode
Anode
ELECTRICAL SYMBOL
55T
xxx
DEVICE MARKING DIAGRAM
Device Code : BZX55Txxx
T
: VZ tolerance B or C
AXIAL LEAD
DO35
BZX55C/B Series


Similar Part No. - BZX55C47

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BZX55C47 CHENDA-BZX55C47 Datasheet
695Kb / 3P
   Low zener impedance
logo
Vishay Siliconix
BZX55C47 VISHAY-BZX55C47 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
RFE international
BZX55C47 RFE-BZX55C47 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Rectron Semiconductor
BZX55C47 RECTRON-BZX55C47 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C47 GXELECTRONICS-BZX55C47 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C47

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com