Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C4F400I8ES Datasheet(PDF) 9 Page - Altera Corporation

Part # EP1C4F400I8ES
Description  Section I. Cyclone FPGA Family Data Sheet
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C4F400I8ES Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP1C4F400I8ES Datasheet HTML 5Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 6Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 7Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 8Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 9Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 10Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 11Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 12Page - Altera Corporation EP1C4F400I8ES Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
Altera Corporation
2–3
May 2008
Preliminary
Logic Array Blocks
Logic Array
Blocks
Each LAB consists of 10 LEs, LE carry chains, LAB control signals, a local
interconnect, look-up table (LUT) chain, and register chain connection
lines. The local interconnect transfers signals between LEs in the same
LAB. LUT chain connections transfer the output of one LE's LUT to the
adjacent LE for fast sequential LUT connections within the same LAB.
Register chain connections transfer the output of one LE's register to the
adjacent LE's register within a LAB. The Quartus® II Compiler places
associated logic within a LAB or adjacent LABs, allowing the use of local,
LUT chain, and register chain connections for performance and area
efficiency. Figure 2–2 details the Cyclone LAB.
Figure 2–2. Cyclone LAB Structure
LAB Interconnects
The LAB local interconnect can drive LEs within the same LAB. The LAB
local interconnect is driven by column and row interconnects and LE
outputs within the same LAB. Neighboring LABs, PLLs, and M4K RAM
blocks from the left and right can also drive a LAB's local interconnect
through the direct link connection. The direct link connection feature
minimizes the use of row and column interconnects, providing higher
Direct link
interconnect from
adjacent block
Direct link
interconnect to
adjacent block
Row Interconnect
Column Interconnect
Local Interconnect
LAB
Direct link
interconnect from
adjacent block
Direct link
interconnect to
adjacent block


Similar Part No. - EP1C4F400I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C4F400I8ES ALTERA-EP1C4F400I8ES Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP1C4F400I8ES ALTERA-EP1C4F400I8ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C4F400I8ES ALTERA-EP1C4F400I8ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
More results

Similar Description - EP1C4F400I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com