Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71H222KA01D Datasheet(PDF) 2 Page - International Rectifier

Part # GRM188R71H222KA01D
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71H222KA01D Datasheet(HTML) 2 Page - International Rectifier

  GRM188R71H222KA01D Datasheet HTML 1Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 2Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 3Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 4Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 5Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 6Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 7Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 8Page - International Rectifier GRM188R71H222KA01D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
2
www.irf.com
© 2013 International Rectifier
May 08, 2013
BASIC APPLICATION
Figure 1: IR3891 Basic Application Circuit
73
75
77
79
81
83
85
87
89
91
93
0.51
1.52
2.5
3
3.5
4
Load Current[A]
1.2V
1.8V
 
Figure 2: Efficiency [Vin=12V, Fsw=600kHz]
PIN DIAGRAM
5mm X 6mm POWER QFN
Top View
25
PGnd1
12
3
4
5
6
7
8
9
13
12
11
10
17
16
15
14
18
Boot2
PGood2
Comp2
FB2
PGnd2
PGnd2
PVin2
PVin2
PGnd2
19
SW2
20
21
SW1
22
24
PGnd1
23
PGnd1
28
Boot1
27
PVin1
26
PVin1
31
FB1
30
Comp1
29
PGood1


Similar Part No. - GRM188R71H222KA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71H222KA01D IRF-GRM188R71H222KA01D Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71H222KA01D IRF-GRM188R71H222KA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71H222KA01D IRF-GRM188R71H222KA01D Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - GRM188R71H222KA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com