Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72220S0231K101 Datasheet(PDF) 2 Page - EPCOS

Part # B72220S0231K101
Description  SIOV metal oxide varistors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72220S0231K101 Datasheet(HTML) 2 Page - EPCOS

  B72220S0231K101 Datasheet HTML 1Page - EPCOS B72220S0231K101 Datasheet HTML 2Page - EPCOS B72220S0231K101 Datasheet HTML 3Page - EPCOS B72220S0231K101 Datasheet HTML 4Page - EPCOS B72220S0231K101 Datasheet HTML 5Page - EPCOS B72220S0231K101 Datasheet HTML 6Page - EPCOS B72220S0231K101 Datasheet HTML 7Page - EPCOS B72220S0231K101 Datasheet HTML 8Page - EPCOS B72220S0231K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned copper wire
Features
Wide operating voltage range 11 … 1100 VRMS
High surge current ratings up to 8 kA
No derating up to 85 °C ambient temperature
PSpice models
Approvals
UL
CSA (all types ≥K115)
SEV
VDE
CECC
CQC S05/07 (K11 … K460), S10/S14 (K11 … K680), S20 (K11 … K1100)
IEC
Delivery mode
Bulk (standard), taped versions on reel or in Ammo pack upon request.
For further details refer to chapter “Taping, packaging and lead configuration” for leaded varistors.
Options
S10* types with lead spacing 5.0 mm and S20* types with lead spacing 7.5 mm are also available
on request.
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
– 40 … + 85
°C
Storage temperature
– 40 … +125
°C
Electric strength
to CECC 42 000
≥2.5
kVRMS
Insulation resistance
to CECC 42 000
≥10
M
Response time
<25
ns
Leaded varistors
StandarD series


Similar Part No. - B72220S0231K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S0231K101 EPCOS-B72220S0231K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72220S0231K101 EPCOS-B72220S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72220S0231K101 EPCOS-B72220S0231K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72220S0231K101 EPCOS-B72220S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72220S0231K101 EPCOS-B72220S0231K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results

Similar Description - B72220S0231K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com