Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3897 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3897
Description  4A Highly Integrated SupIRBuck Single?륤nput Voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 1 Page - International Rectifier

  IR3897 Datasheet HTML 1Page - International Rectifier IR3897 Datasheet HTML 2Page - International Rectifier IR3897 Datasheet HTML 3Page - International Rectifier IR3897 Datasheet HTML 4Page - International Rectifier IR3897 Datasheet HTML 5Page - International Rectifier IR3897 Datasheet HTML 6Page - International Rectifier IR3897 Datasheet HTML 7Page - International Rectifier IR3897 Datasheet HTML 8Page - International Rectifier IR3897 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
- 1 -
JANUARY 18, 2013 |DATA SHEET |    Rev 3.5
1
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
73
75
77
79
81
83
85
87
89
91
93
95
97
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Load Current (A)
1.2Vout
3.3Vout
12Vin,Internal bias,Frequency 600KHz
FEATURES 
 Single 5V to 21V application 
 Wide Input Voltage Range from 1.0V to 21V with 
external Vcc  
 Output Voltage Range: 0.5V to 0.86× Vin 
 Enhanced Line/Load Regulation with Feed‐Forward 
 Programmable Switching Frequency up to 1.5MHz 
 Internal Digital Soft‐Start/Soft‐Stop 
 Enable input with Voltage Monitoring Capability 
 Thermally Compensated Current Limit with robust 
hiccup mode over current protection 
 Smart Internal LDO to improve light load and full load 
efficiency  
 External Synchronization with Smooth Clocking  
 Enhanced Pre‐Bias Start‐Up 
 Precision Reference Voltage (0.5V+/‐0.5%) with 
margining capability 
 Vp for Tracking Applications (Source/Sink Capability  
+/‐4A) 
 Integrated MOSFET drivers and Bootstrap Diode 
 Thermal Shut Down 
 Programmable Power Good Output with tracking 
capability 
 Monotonic Start‐Up 
 Operating temp: ‐40oC  < Tj < 125oC  
 Small Size: 4mm x 5mm PQFN 
 Lead‐free, Halogen‐free and RoHS Compliant 
BASIC APPLICATION 
 
Figure 1: IR3897 Basic Application Circuit                                                                            
 
DESCRIPTION 
The IR3897 SupIRBuck
TM is an easy‐to‐use, fully 
integrated and highly efficient DC/DC regulator.  
The onboard PWM controller and MOSFETs make 
IR3897 a space‐efficient solution, providing accurate 
power delivery. 
IR3897 is a versatile regulator which offers 
programmability of switching frequency and internal 
current limit while operates in wide input and output  
voltage range. 
The switching frequency is programmable from 300kHz 
to 1.5MHz for an optimum solution.  
It also features important protection functions, such as 
Pre‐Bias startup, thermally compensated current limit, 
over voltage protection and thermal shutdown to give 
required system level security in the event of fault 
conditions. 
APPLICATIONS 
 Netcom Applications 
 Embedded Telecom Systems 
 Server Applications 
 Storage Applications 
 Distributed Point of Load Power Architectures 
 
 
 
Figure 2:IR3897 Efficiency


Similar Part No. - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3897M IRF-IR3897M Datasheet
2Mb / 47P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 17P
   USER GUIDE FOR IR3897 EVALUATION BOARD
IR3897MTR1PBF IRF-IR3897MTR1PBF Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com