Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216X5R1E106M Datasheet(PDF) 4 Page - International Rectifier

Part # C3216X5R1E106M
Description  16A Highly Integrated SupIRBuck
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C3216X5R1E106M Datasheet(HTML) 4 Page - International Rectifier

  C3216X5R1E106M Datasheet HTML 1Page - International Rectifier C3216X5R1E106M Datasheet HTML 2Page - International Rectifier C3216X5R1E106M Datasheet HTML 3Page - International Rectifier C3216X5R1E106M Datasheet HTML 4Page - International Rectifier C3216X5R1E106M Datasheet HTML 5Page - International Rectifier C3216X5R1E106M Datasheet HTML 6Page - International Rectifier C3216X5R1E106M Datasheet HTML 7Page - International Rectifier C3216X5R1E106M Datasheet HTML 8Page - International Rectifier C3216X5R1E106M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
- 4 -P
JANUARY 18, 2013    | DATA SHEET|    Rev 3.4
4
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
PIN DESCRIPTIONS 
PIN #
PIN NAME
PIN DESCRIPTION
Fb 
Inverting input to the error amplifier. This pin is connected directly to the output 
of the regulator via resistor divider to set the output voltage and provide 
feedback to the error amplifier. 
Vref 
Internal reference voltage, it can be used for margining operation also. In normal 
and sequencing mode operation, a 100pF ceramic capacitor is recommended 
between this pin and Gnd.  In tracking mode operation, Vref should be tied to 
Gnd. 
Comp 
Output of error amplifier. An external resistor and capacitor network is typically 
connected from this pin to Fb to provide loop compensation. 
Gnd 
Signal ground for internal reference and control circuitry. 
Rt/Sync 
Multi‐function pin to set switching frequency. Use an external resistor from this 
pin to Gnd to set the free‐running switching frequency. An external clock signal 
can be connected to this pin through a diode so that the device’s switching 
frequency is synchronized with the external clock. 
S_Ctrl 
Soft start/stop control. A high logic input enables the device to go into the 
internal soft start; a low logic input enables the output soft discharged. Pull this 
pin to Vcc if this function is not used. 
PGood 
Power Good status pin. Output is open drain. Connect a pull up resistor from this 
pin to the voltage lower than or equal to the Vcc. 
Vsns 
Sense pin for over‐voltage protection and PGood. It is optional to tie this pin to 
FB pin directly instead of using a resistor divider from Vout. 
Vin 
Input voltage for Internal LDO. A 1.0µF capacitor should be connected between 
this pin and PGnd. If external supply is connected to Vcc/LDO_out pin, this pin 
should be shorted to Vcc/LDO_out pin. 
10 
Vcc/LDO_Out 
Input Bias for external Vcc Voltage/ output of internal LDO. Place a minimum 
2.2µF cap from this pin to PGnd. 
11 
PGnd 
Power Ground. This pin serves as a separated ground for the MOSFET drivers 
and should be connected to the system’s power ground plane. 
12 
SW 
Switch node. This pin is connected to the output inductor. 
13 
PVin 
Input voltage for power stage. 
14 
Boot 
Supply voltage for high side driver, a 100nF capacitor should be connected 
between this pin and SW pin. 
15 
Enable 
Enable pin to turn on and off the device, if this pin is connected to PVin pin 
through a resistor divider, input voltage UVLO can be implemented. 
16 
Vp 
Input to error amplifier for tracking purposes. In the normal operation, it is left 
floating and no external capacitor is required. In the sequencing or the tracking 
mode operation, an external signal can be applied as the reference. 
17 
Gnd 
Signal ground for internal reference and control circuitry. 
  
 


Similar Part No. - C3216X5R1E106M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C3216X5R1E106M IRF-C3216X5R1E106M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
C3216X5R1E106M IRF-C3216X5R1E106M Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
C3216X5R1E106M IRF-C3216X5R1E106M Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
C3216X5R1E106M IRF-C3216X5R1E106M Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
C3216X5R1E106M IRF-C3216X5R1E106M Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
More results

Similar Description - C3216X5R1E106M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com