Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R61E105KA12D Datasheet(PDF) 6 Page - International Rectifier

Part # GRM188R61E105KA12D
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R61E105KA12D Datasheet(HTML) 6 Page - International Rectifier

Back Button GRM188R61E105KA12D Datasheet HTML 2Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 3Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 4Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 5Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 6Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 7Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 8Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 9Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
- 6 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
6
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
ELECTRICAL SPECIFICATIONS 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
 
SYMBOL 
MIN 
MAX 
UNITS
Input Voltage Range* 
PVIN 
1.0 
21 
  
Input Voltage Range** 
VIN 
21 
Supply Voltage Range*** 
VCC 
4.5 
7.5 
Supply Voltage Range 
Boot to SW 
4.5 
7.5 
Output Voltage Range 
VO 
0.5 
0.86xVin 
Output Current Range 
IO 
±12 
Switching Frequency 
FS 
300 
1500 
kHz 
Operating Junction Temperature 
TJ ‐40 
125 
°C 
*Maximum SW node voltage should not exceed 25V. 
**For internally biased single rail operation. When Vin drops below 6.8V, the internal LDO enters dropout.  Please refer to Smart LDO 
section and Over Current Protection for detailed application information.
      
*** Vcc/LDO_out can be connected to an external regulated supply. If so, the Vin input should be connected to Vcc/LDO_out pin. 
ELECTRICAL CHARACTERISTICS 
Unless otherwise specified, these specifications apply over, 6.8V < Vin = PVin < 21V, Vref = 0.5V in 0°C < TJ < 125°C.  
Typical values are specified at Ta = 25°C. 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Power Stage 
Power Losses 
PLOSS 
Vin = 12V, VO = 1.2V, IO = 12A,  
Fs = 600kHz, L = 0.51uH,  
Vcc = 6.4V (Internal LDO),Note 4 
  
2.1   
Top Switch 
Rds(on)_Top 
VBoot ‐ Vsw= 6.4V,IO = 12A,Tj=25°C   
13.2 
17.2 
mΩ 
Bottom Switch 
Rds(on)_Bot 
Vcc = 6.4V, IO = 12A   
7.2 
9.4  
Bootstrap Diode Forward Voltage   
I(Boot) = 15mA 
200  
300 
500 
mV 
SW Leakage Current 
ISW 
SW = 0V, Enable = 0V   
  
µA 
SW = 0V, Enable = high,  
Vp = 0V 
  
Dead Band Time 
Tdb 
Note 4  
20  
ns 
Supply Current 
VIN Supply Current (standby) 
Iin(Standby) 
EN = Low, No Switching   
  
100 
µA 
VIN Supply Current (dynamic) 
Iin(Dyn) 
EN = High, Fs = 600kHz,  
Vin = PVin = 21V 
  
14 
18 
mA 
VCC LDO Output 
Output Voltage 
Vcc 
 Vin(min) = 6.8V, Icc = 0‐50mA, 
Cload = 2.2uF, DCM = 0 
6.0 
6.4 
6.7 
 Vin(min) = 6.8V, Icc = 0‐50mA, 
Cload = 2.2uF, DCM = 1 
4.0 
4.4 
4.85 
VCC Dropout 
Vcc_drop  Icc=50mA,Cload=2.2uF  
 
0.8 
Short Circuit Current 
Ishort  
 
70  
mA 


Similar Part No. - GRM188R61E105KA12D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
GRM188R61E105KA12D AOSMD-GRM188R61E105KA12D Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
logo
International Rectifier
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
2Mb / 17P
   USER GUIDE FOR IR3898 EVALUATION BOARD
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
More results

Similar Description - GRM188R61E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com