Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL05Z8VFM4 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MKL05Z8VFM4
Description  KL05 Sub-Family Data Sheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL05Z8VFM4 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MKL05Z8VFM4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 13Page - Freescale Semiconductor, Inc MKL05Z8VFM4 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
5.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50%
point, and rise and fall times are measured at the 20% and 80% points, as shown in the
following figure.
Figure 1. Input signal measurement reference
All digital I/O switching characteristics, unless otherwise specified, assume:
1. output pins
• have CL=30pF loads,
• are slew rate disabled, and
• are normal drive strength
5.2 Nonswitching electrical specifications
5.2.1 Voltage and current operating requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
V
Table continues on the next page...
General
KL05 Sub-Family Data Sheet Data Sheet, Rev. 3, 11/29/2012.
10
Freescale Semiconductor, Inc.


Similar Part No. - MKL05Z8VFM4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL05Z8VFM4 NXP-MKL05Z8VFM4 Datasheet
1,001Kb / 53P
   Kinetis KL05 32 KB Flash
Rev 4 03/2014
logo
Freescale Semiconductor...
MKL05Z8VFM4(R) FREESCALE-MKL05Z8VFM4(R) Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
More results

Similar Description - MKL05Z8VFM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K12P64M50SF4 FREESCALE-K12P64M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
K21P80M50SF4 FREESCALE-K21P80M50SF4 Datasheet
1Mb / 55P
   K21 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com