Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKL24Z32VLH4 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MKL24Z32VLH4
Description  KL24 Sub-Family Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL24Z32VLH4 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MKL24Z32VLH4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL24Z32VLH4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
4.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
+2000
V
1
VCDM
Electrostatic discharge voltage, charged-device model
-500
+500
V
2
ILAT
Latch-up current at ambient temperature of 105°C
-100
+100
mA
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
4.4 Voltage and current operating ratings
Symbol
Description
Min.
Max.
Unit
VDD
Digital supply voltage
–0.3
3.8
V
IDD
Digital supply current
120
mA
VDIO
Digital pin input voltage (except RESET)
–0.3
3.6
V
VAIO
Analog pins1and RESET pin input voltage
–0.3
VDD + 0.3
V
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
VUSB_DP
USB_DP input voltage
–0.3
3.63
V
VUSB_DM
USB_DM input voltage
–0.3
3.63
V
VREGIN
USB regulator input
–0.3
6.0
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
5 General
General
KL24 Sub-Family Data Sheet Data Sheet, Rev. 3, 9/19/2012.
Freescale Semiconductor, Inc.
9


Similar Part No. - MKL24Z32VLH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL24Z32VLH4 NXP-MKL24Z32VLH4 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
More results

Similar Description - MKL24Z32VLH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KL24P80M48SF0 NXP-KL24P80M48SF0 Datasheet
1Mb / 54P
   Kinetis KL24 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
K12P64M50SF4 FREESCALE-K12P64M50SF4 Datasheet
1Mb / 54P
   K12 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com