Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR11682S Datasheet(PDF) 1 Page - International Rectifier

Part # IR11682S
Description  DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11682S Datasheet(HTML) 1 Page - International Rectifier

  IR11682S_11 Datasheet HTML 1Page - International Rectifier IR11682S_11 Datasheet HTML 2Page - International Rectifier IR11682S_11 Datasheet HTML 3Page - International Rectifier IR11682S_11 Datasheet HTML 4Page - International Rectifier IR11682S_11 Datasheet HTML 5Page - International Rectifier IR11682S_11 Datasheet HTML 6Page - International Rectifier IR11682S_11 Datasheet HTML 7Page - International Rectifier IR11682S_11 Datasheet HTML 8Page - International Rectifier IR11682S_11 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.irf.com
© 2010 International Rectifier
July 1, 2011
IR11682S
DUAL SmartRectifier
TM DRIVER IC
Features
Secondary-side
high
speed
controller
for
synchronous rectification in resonant half bridge
topologies
200V proprietary IC technology
Max 400KHz switching frequency
Anti-bounce logic and UVLO protection
4A peak turn off drive current
Micropower start-up & ultra low quiescent current
10.7V gate drive clamp
80ns turn-off propagation delay
Wide Vcc operating range
Direct sensing for both Synchronous Rectifiers
Cycle by Cycle MOT Check Circuit prevents multiple
false trigger GATE pulses
Minimal component count
Simple design
Lead-free
Typical Applications
LCD & PDP TV, Telecom SMPS, AC-DC adapters
Product Summary
Topology
LLC Half-bridge
VD
200V
VOUT
10.7V Clamped
Io+ & I o- (typical)
+1A & -4A
Turn on Propagation Delay
100ns (typical)
Turn off Propagation Delay
80ns (typical)
Package Options
8-Lead SOIC
Typical Connection Diagram
LOAD
SR1
SR2
Cdc
1
2
Lr
C1
C2
Rtn
Vin
VD2
5
VS2
6
VS1
3
VCC
2
VD1
4
GND
7
GATE2
8
GATE1
1
IR1168
Cout
Rg2
Rg1
M1
M2
IR11682
Datasheet No – 97476


Similar Part No. - IR11682S_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S_15 Datasheet
381Kb / 22P
   200V proprietary IC technology
More results

Similar Description - IR11682S_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S_15 Datasheet
381Kb / 22P
   200V proprietary IC technology
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
   SMARTRECTIFIER CONTROL IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
   DUAL-BRIDGE DRIVER IC
2016-11-28
logo
Infineon Technologies A...
2ED020I06-FI INFINEON-2ED020I06-FI Datasheet
639Kb / 20P
   Dual IGBT Driver IC
April 2010
2ED020I12FA INFINEON-2ED020I12FA Datasheet
873Kb / 28P
   Dual IGBT Driver IC
Version 1.2, Jan 2010
2ED020I12-F2 INFINEON-2ED020I12-F2 Datasheet
1Mb / 28P
   Dual IGBT Driver IC
Rev. 2.0, 2012-06-05
logo
Toshiba Semiconductor
TC78H621FNG TOSHIBA-TC78H621FNG Datasheet
397Kb / 15P
   DUAL-BRIDGE DRIVER IC
2017-04-10
logo
Infineon Technologies A...
2ED020I12FA INFINEON-2ED020I12FA_16 Datasheet
1Mb / 28P
   Dual IGBT Driver IC
Rev. 3.1 2016-04-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com