Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55B12 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # BZX55B12
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX55B12 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  BZX55B12 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX55B12 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX55B12 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX55B12 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX55B12 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.yeashin.com
4
REV.02 20121003
DEVICE CHARACTERISTICS
Typical Characteristics
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [
]
Ta = 25
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [m V]
PD = 500mW
Ta = 25
0
50
100
150
200
250
300
0
2
4
6
8
10
VZ - Reverse Voltage [V]
PD = 500mW
Ta = 25
0.01
0.1
1
10
100
15
25
35
45
55
65
75
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
Ta = 25
0.1
1
10
100
1000
1
10
100
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
BZX55C/B Series


Similar Part No. - BZX55B12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B12 VISHAY-BZX55B12 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B12 NJSEMI-BZX55B12 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B12 VISHAY-BZX55B12 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B12 TSC-BZX55B12 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B12 EIC-BZX55B12 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - BZX55B12

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com