Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR11682STRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR11682STRPBF
Description  DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11682STRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR11682STRPBF Datasheet HTML 6Page - International Rectifier IR11682STRPBF Datasheet HTML 7Page - International Rectifier IR11682STRPBF Datasheet HTML 8Page - International Rectifier IR11682STRPBF Datasheet HTML 9Page - International Rectifier IR11682STRPBF Datasheet HTML 10Page - International Rectifier IR11682STRPBF Datasheet HTML 11Page - International Rectifier IR11682STRPBF Datasheet HTML 12Page - International Rectifier IR11682STRPBF Datasheet HTML 13Page - International Rectifier IR11682STRPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IR11682S
www.irf.com
© 2010 International Rectifier
10
Lead Definitions
PIN#
Symbol
Description
1
GATE1
Gate Drive Output 1
2
VCC
Supply Voltage
3
VS1
Sync FET 1 Source Voltage Sense
4
VD1
Sync FET 1 Drain Voltage Sense
5
VD2
Sync FET 2 Drain Voltage Sense
6
VS2
Sync FET 2 Source Voltage Sense
7
GND
Analog and Power Ground
8
GATE2
Gate Drive Output 2
Lead Assignments
4
3
2
1
5
6
7
8
VD2
VD1
GND
GATE2
VCC
VS1
VS2
GATE1


Similar Part No. - IR11682STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S Datasheet
313Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR11682S IRF-IR11682S Datasheet
381Kb / 22P
   200V proprietary IC technology
IR11682S IRF-IR11682S_15 Datasheet
381Kb / 22P
   200V proprietary IC technology
More results

Similar Description - IR11682STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11682S IRF-IR11682S_15 Datasheet
381Kb / 22P
   200V proprietary IC technology
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
   SMARTRECTIFIER CONTROL IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
   DUAL-BRIDGE DRIVER IC
2016-11-28
logo
Infineon Technologies A...
2ED020I06-FI INFINEON-2ED020I06-FI Datasheet
639Kb / 20P
   Dual IGBT Driver IC
April 2010
2ED020I12FA INFINEON-2ED020I12FA Datasheet
873Kb / 28P
   Dual IGBT Driver IC
Version 1.2, Jan 2010
2ED020I12-F2 INFINEON-2ED020I12-F2 Datasheet
1Mb / 28P
   Dual IGBT Driver IC
Rev. 2.0, 2012-06-05
logo
Toshiba Semiconductor
TC78H621FNG TOSHIBA-TC78H621FNG Datasheet
397Kb / 15P
   DUAL-BRIDGE DRIVER IC
2017-04-10
logo
Infineon Technologies A...
2ED020I12FA INFINEON-2ED020I12FA_16 Datasheet
1Mb / 28P
   Dual IGBT Driver IC
Rev. 3.1 2016-04-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com