Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR36021 Datasheet(PDF) 5 Page - International Rectifier

Part # IR36021
Description  DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR36021 Datasheet(HTML) 5 Page - International Rectifier

  IR36021 Datasheet HTML 1Page - International Rectifier IR36021 Datasheet HTML 2Page - International Rectifier IR36021 Datasheet HTML 3Page - International Rectifier IR36021 Datasheet HTML 4Page - International Rectifier IR36021 Datasheet HTML 5Page - International Rectifier IR36021 Datasheet HTML 6Page - International Rectifier IR36021 Datasheet HTML 7Page - International Rectifier IR36021 Datasheet HTML 8Page - International Rectifier IR36021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
IR36021 
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus 
Interface 
February 27, 2013 | Rev 3.5 
5
+3.3V
VINSEN
PWM1b
PWM1a
PGood1
VSEN1
VCC
RRES
V18A
VRTN1
IRTN1a
RCSP1
RCSM1
Vin
RCS
CCS
Rseries
Rseries
RTh
RVIN_1
RVIN_2
PGood2
TSEN
RTh2
GND
PWM2
ISEN2
IRTN2
ADDR_PROT
VSEN2
VRTN2
EN2
From
System
SM_CLK
SM_DIO
SM_ALERT#
RCSP2
RCSM2
RCS
CCS
Rseries
Rseries
EN1
VRHOT_ICRIT#
V
Vo1
IRTN1b
ISEN1b
ISEN1a
L
O
A
D
Vcc
GND
PWM
5V
Boot
Switch
12V
Vdrv
Vcc
GND
PWM
5V
Boot
Switch
12V
Vdrv
 
Figure 6: Dual‐loop VR using IR36021 Controller and IR PowerStage in 2+0  Configuration  
 


Similar Part No. - IR36021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
More results

Similar Description - IR36021

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Maxim Integrated Produc...
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
MAX15301AA02 MAXIM-MAX15301AA02 Datasheet
1Mb / 32P
   InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
Rev 0; 2/15
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
   Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com