Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3EKF1652V Datasheet(PDF) 3 Page - International Rectifier

Part # ERJ-3EKF1652V
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF1652V Datasheet(HTML) 3 Page - International Rectifier

  ERJ-3EKF1652V Datasheet HTML 1Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 2Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 3Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 4Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 5Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 6Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 7Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 8Page - International Rectifier ERJ-3EKF1652V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
3
www.irf.com
© 2013 International Rectifier
May 08, 2013
FUNCTIONAL BLOCK DIAGRAM
GATE
DRIVE
LOGIC
Gnd
Comp
Seq*
fb
EN
VREF
E/A
Intl_SS
FB
FAULT
CONTROL
LOGIC
Rff
Vin
SOFT
START
SSOK
FAULT
POR
VREF
+
-
PGood
Rt/Sync
Vsns
UVEN
UVEN
POR
POR
UVLO
VREF
UV/
OV/OLFP
FB
UV/
OV/OLFP
HDin
LDin
OC
OVER CURRENT
PROTECTION
THERMAL
SHUTDOWN
POR
TSD
OV/OFLP
OC
+
-
VLDO_REF
+
-
LDO
VCC
LDrv
HDrv
FAULT
CONTROL
FAULT
PGnd
SW
PVin
Boot
Vin
VCC/LDO_out
UVLO
UVLO
+
+
+
-
VCC
*The Seq pin is only available for channel 2
Figure 3: IR3891 Simplified Block Diagram (one phase)


Similar Part No. - ERJ-3EKF1652V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-3EKF1691V PANASONIC-ERJ-3EKF1691V Datasheet
93Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ-3EKF1652V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com