Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7314QPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7314QPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7314QPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7314QPBF Datasheet HTML 1Page - International Rectifier IRF7314QPBF Datasheet HTML 2Page - International Rectifier IRF7314QPBF Datasheet HTML 3Page - International Rectifier IRF7314QPBF Datasheet HTML 4Page - International Rectifier IRF7314QPBF Datasheet HTML 5Page - International Rectifier IRF7314QPBF Datasheet HTML 6Page - International Rectifier IRF7314QPBF Datasheet HTML 7Page - International Rectifier IRF7314QPBF Datasheet HTML 8Page - International Rectifier IRF7314QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7314QPbF
6
www.irf.com
Fig 12. Typical On-Resistance Vs.
Drain Current
Fig 11. Typical On-Resistance Vs.
Gate Voltage
Fig 13b. Gate Charge Test Circuit
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
Fig 14. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
175
0
400
800
1200
1600
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
-2.1A
-4.4A
-5.2A
2.0
4.0
6.0
8.0
-VGS, Gate -to -Source Voltage (V)
0.030
0.040
0.050
0.060
0.070
0.080
ID = -5.2A
0
102030
40
50
-ID , Drain Current ( A )
0.030
0.130
0.230
0.330
0.430
VGS = -2.7V
VGS = -4.5V


Similar Part No. - IRF7314QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7314Q IRF-IRF7314Q Datasheet
149Kb / 9P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF7314QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com