Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7380PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7380PBF
Description  High frequency DC-DC converters Lead-Free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7380PBF Datasheet(HTML) 8 Page - International Rectifier

  IRF7380PBF Datasheet HTML 1Page - International Rectifier IRF7380PBF Datasheet HTML 2Page - International Rectifier IRF7380PBF Datasheet HTML 3Page - International Rectifier IRF7380PBF Datasheet HTML 4Page - International Rectifier IRF7380PBF Datasheet HTML 5Page - International Rectifier IRF7380PBF Datasheet HTML 6Page - International Rectifier IRF7380PBF Datasheet HTML 7Page - International Rectifier IRF7380PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7380PbF
8
www.irf.com
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualifications Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.07/2008
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 31mH
RG = 25Ω, IAS = 2.2A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ When mounted on 1 inch square copper board.
… Coss eff. is a fixed capacitance that gives the same charging time as
Coss while VDS is rising from 0 to 80% VDSS.
† ISD ≤ 2.2A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS,TJ ≤ 150°C.


Similar Part No. - IRF7380PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF Datasheet
136Kb / 8P
   HEXFET짰Power MOSFET
IRF7380PBF IRF-IRF7380PBF Datasheet
232Kb / 8P
   High frequency DC-DC converters
IRF7380PBF-1 IRF-IRF7380PBF-1 Datasheet
210Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7380PBF-1 IRF-IRF7380PBF-1_15 Datasheet
210Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7380PBF IRF-IRF7380PBF_15 Datasheet
232Kb / 8P
   High frequency DC-DC converters
More results

Similar Description - IRF7380PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7465PBF IRF-IRF7465PBF Datasheet
133Kb / 8P
   High frequency DC-DC converters, Lead-Free
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com