Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL530 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # IRL530
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRL530 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRL530 Datasheet HTML 1Page - Fairchild Semiconductor IRL530 Datasheet HTML 2Page - Fairchild Semiconductor IRL530 Datasheet HTML 3Page - Fairchild Semiconductor IRL530 Datasheet HTML 4Page - Fairchild Semiconductor IRL530 Datasheet HTML 5Page - Fairchild Semiconductor IRL530 Datasheet HTML 6Page - Fairchild Semiconductor IRL530 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRL530A
100
--
1.0
--
--
--
--
--
0.1
--
--
--
--
--
140
60
10
11
29
15
16.9
2.7
9.7
--
--
2.0
100
-100
10
100
0.12
--
755
175
75
30
30
70
40
24
--
--
10.2
580
--
--
--
109
0.41
14
49
1.5
--
--
Notes ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=2mH, I
AS=14A, VDD=25V, RG=27, Starting TJ =25℃
③ I
SD≤14A, di/dt≤350A/μs, VDD≤BVDSS , Starting TJ =25℃
④ Pulse Test : Pulse Width = 250μs, Duty Cycle ≤ 2%
⑤ Essentially Independent of Operating Temperature
N-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25℃ unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain("Miller") Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
ΔBV/ΔT
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/℃
V
nA
μA
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=250μA
I
D=250μA
See Fig 7
V
DS=5V,ID=250μA
V
GS=20V
V
GS=-20V
V
DS=100V
V
DS=80V,TC=150℃
V
GS=5V,ID=7A
V
DS=40V,ID=7A
V
DD=50V,ID=14A,
R
G=6Ω
See Fig 13
④⑤
V
DS=80V,VGS=5V,
I
D=14A
See Fig 6 & Fig 12 ④⑤
Drain-to-Source Leakage Current
V
GS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
μC
Integral reverse pn-diode
in the MOSFET
T
J=25℃,IS=14A,VGS=0V
T
J=25℃,IF=14A
di
F/dt=100A/μs


Similar Part No. - IRL530

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL530 IRF-IRL530 Datasheet
193Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRL530 VISHAY-IRL530 Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
IRL530 VISHAY-IRL530 Datasheet
244Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRL530

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com