Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL540A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRL540A
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRL540A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRL540A Datasheet HTML 1Page - Fairchild Semiconductor IRL540A Datasheet HTML 2Page - Fairchild Semiconductor IRL540A Datasheet HTML 3Page - Fairchild Semiconductor IRL540A Datasheet HTML 4Page - Fairchild Semiconductor IRL540A Datasheet HTML 5Page - Fairchild Semiconductor IRL540A Datasheet HTML 6Page - Fairchild Semiconductor IRL540A Datasheet HTML 7Page - Fairchild Semiconductor IRL540A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRL540A
BV
DSS = 100 V
R
DS(on) = 0.058Ω
I
D = 28 A
100
28
19.8
98
±20
522
28
12.1
6.5
121
0.81
- 55 to +175
300
1.24
--
62.5
--
0.5
--
1
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 100V
♦ Lower R
DS(ON): 0.046Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Case-to-Sink
Junction-to-Ambient
RθJC
RθCS
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
ID
PD
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W/
°C
A
°C
VDSS
V
TO-220
1.Gate 2. Drain 3. Source
3
2
1
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - IRL540A

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
IRL540A ARTSCHIP-IRL540A Datasheet
366Kb / 5P
   HEXFET Power MOSFET
More results

Similar Description - IRL540A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com