Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19324-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19324-0009
Description  Metric Ring Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

19324-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19324-0009 Datasheet HTML 1Page - Molex Electronics Ltd. 19324-0009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VersaKrimpand Avikrimp
Metric Ring Terminals
AvikrimpMetric Ring
Terminal
VersaKrimpMetric Ring
Terminal
High-quality, seamless-barrel metric ring terminals allow
for optimum fit and maximum electrical performance when
terminating connections to metric screws or threaded
posts and are widely used in solderless wiring applications
Introducing high-quality metric-size solderless ring terminals featuring
insulated Avikrimpand un-insulated VersaKrimpseamless barrel types. The
terminals provide maximum electrical performance for metric terminations
using studs up to 10mm in diameter and wire size up to 6mm2.
Solderless ring terminals meet UL requirements only when crimped using
Molex recommended tooling; however terminals may be crimped with a
variety of industry-standard tooling.
For additional information visit: www.molex.com/link/metricringterminals.html
Terminals designed with metric
ring sizes
VersaKrimpstyle un-insulated rings
feature a brazed seam on the crimp
barrel
Avikrimpstyle rings are pre-
insulated with Nylon on the barrel
Avikrimpbarrel has tin-plated
brass ferrule
Terminals are constructed of high-
quality, oxygen-free copper with tin
plating
Terminals available on Mylar tape on
request
Molex crimp tooling available
Enables universal use with metric-
size studs/screws up to 10mm in
diameter and wire sizes up to 6mm2
Creates a seamless barrel that
eliminates the need for proper
orientation of the barrel during
crimping; permits 360° of rotation in
the crimp jaws for faster and more
reliable crimping
Prevents arcing between adjacent
terminals on a barrier strip when
the barrels are exposed beyond the
edge of the strip
Nylon does not contain Halogens
and is Glow Wire tested for safety
Provides double-crimp: both
conductor and insulation crimp
(strain relief) for optimum vibration
resistance; fulfills TUV, VDE, IEC and
DIN requirements
Creates a seamless conductor crimp
that eliminates the need for proper
orientation of the barrel during
crimping; permits 360° of rotation in
the crimp jaws
Protects from oxidation, which can
result in high contact resistance and
failure; ensures a highly conductive
and reliable crimp
Allows for high-volume termination
and the most cost-effective and
efficient wire-harness production
Terminals meet UL requirements
only when used with Molex
recommended tooling
Features and Benefits
Metric Ring
Terminals
19323 VersaKrimpstyle
(un-insulated)
19324 Avikrimpstyle
(barrel insulated)


Similar Part No. - 19324-0009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1932410 PHOENIX-1932410 Datasheet
129Kb / 5P
   PCB terminal block - MKDS 1/ 4-3,81 HT BK
1932494 PHOENIX-1932494 Datasheet
85Kb / 5P
   PCB terminal block - MKDSP 25/ 2-15.00-F
More results

Similar Description - 19324-0009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
193230002_SD ETC-193230002_SD Datasheet
140Kb / 1P
   METRIC RING TERMINALS VERSAKRIMP 0,5 - 6 MM2
2020/03/18
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
FDD2-250 ETC2-FDD2-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
logo
TE Connectivity Ltd
108-16000 TEC-108-16000 Datasheet
118Kb / 2P
   Crimping AMPLIVAR Ring Terminals
108-16001 TEC-108-16001 Datasheet
38Kb / 1P
   Crimping Extruded Ring Terminals
logo
List of Unclassifed Man...
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
Lapp.
53102001 LAPP-53102001 Datasheet
108Kb / 1P
   SKINDICHT® O-Ring NBR metric
03.07.2019
logo
Tyco Electronics
31181 MACOM-31181 Datasheet
88Kb / 1P
   Ring and Spade Tongue Terminals
152891 MACOM-152891 Datasheet
521Kb / 1P
   Ring and Spade Tongue Terminals
32065 MACOM-32065 Datasheet
92Kb / 1P
   Ring and Spade Tongue Terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com