Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-02-5205 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-02-5205
Description  MINI. FIT JR DUAL ROW 2-24CKT PLUG HOUSING WITH EARS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

39-02-5205 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-02-5205 Datasheet HTML 1Page - Molex Electronics Ltd. 39-02-5205 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 39-02-5205

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-00-0 MOLEX3-39-00-0 Datasheet
231Kb / 4P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 16 AWG, Bag
39-00-0021 MOLEX3-39-00-0021 Datasheet
118Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
39-00-0022 MOLEX3-39-00-0022 Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
39-00-0023 MOLEX1-39-00-0023 Datasheet
53Kb / 1P
   2.5 LOW PROFILE CRIMP RECEPTACLE
39-00-0034 MOLEX3-39-00-0034 Datasheet
82Kb / 2P
   Crimp Terminal 5394, 20-22 AWG, Reel
More results

Similar Description - 39-02-5205

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-2061 MOLEX11-39-01-2061 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears,
39-01-2066 MOLEX11-39-01-2066 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
39-01-2046 MOLEX11-39-01-2046 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
39-01-2021 MOLEX11-39-01-2021 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
26-01-3187 MOLEX11-26-01-3187 Datasheet
61Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
39-01-2041 MOLEX11-39-01-2041 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
46993-1010 MOLEX11-46993-1010 Datasheet
60Kb / 1P
   Mini-Fit Jr. Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon
26-01-3096 MOLEX11-26-01-3096 Datasheet
61Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears
0039012021 MOLEX1-0039012021_18 Datasheet
31Kb / 1P
   Mini-Fit Jr. Plug Housing, Dual Row, 2 Circuits, UL 94V-2, with Panel Mounting Ears
0039012061 MOLEX1-0039012061_18 Datasheet
31Kb / 1P
   Mini-Fit Jr. Plug Housing, Dual Row, 6 Circuits, UL 94V-2, with Panel Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com