Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54363-0878 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54363-0878
Description  0.5mm PITCH B/B CONN.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

54363-0878 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54363-0878 Datasheet HTML 1Page - Molex Electronics Ltd. 54363-0878 Datasheet HTML 2Page - Molex Electronics Ltd. 54363-0878 Datasheet HTML 3Page - Molex Electronics Ltd. 54363-0878 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 54363-0878

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54363-0289 MOLEX7-54363-0289 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 20 Circuits, Leadfree
54363-0389 MOLEX7-54363-0389 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 30 Circuits, Leadfree
54363-0489 MOLEX7-54363-0489 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 40 Circuits, Leadfree
54363-0589 MOLEX7-54363-0589 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00 and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 50 Circuits, Leadfree
54363-0689 MOLEX7-54363-0689 Datasheet
330Kb / 6P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical, 2.00 and 3.00mm (.079 and .118") Stacking Heights, with Solder Tabs, 60 Circuits, Leadfree
More results

Similar Description - 54363-0878

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5035481220 MOLEX11-5035481220 Datasheet
302Kb / 4P
   0.4 B-T0-B CONN
67265-2001 MOLEX-67265-2001 Datasheet
225Kb / 2P
   USB B VERTICAL CONN
5023820270_SD MOLEX-5023820270_SD Datasheet
359Kb / 4P
   1.25 W/B CONN. SINGLE
0555600228 MOLEX11-0555600228 Datasheet
220Kb / 3P
   0.5 B-TO-B CONN PLUG ASSY (HGT=1.5)
SD-504011-001 MOLEX11-SD-504011-001 Datasheet
286Kb / 4P
   035 B-TO-B CONN HGT 07 PLUG ASSY 035ST7
SD-504008-001 MOLEX11-SD-504008-001 Datasheet
309Kb / 4P
   035 B-TO-B CONN HGT 07 REC ASSY 035ST7
logo
ERNI Electronics
100202680001 ERNI-100202680001 Datasheet
200Kb / 1P
   Female conn. B 64 solder clip
logo
Molex Electronics Ltd.
50641-8141 MOLEX-50641-8141_06 Datasheet
80Kb / 1P
   1.25 W/B CONN CRIMP RECEPTACLE
5033081210 MOLEX11-5033081210 Datasheet
357Kb / 5P
   0.4 B-TO-B CONN. HGT=0.7 W=2.6 PLUG ASSY
5033042410 MOLEX-5033042410 Datasheet
364Kb / 5P
   0.4 B-TO-B CONN. HGT=0.7 W=2.6 REC. ASSY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com