Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.0SMCJ78C Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # 5.0SMCJ78C
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

5.0SMCJ78C Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  5.0SMCJ78C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 5.0SMCJ78C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 5.0SMCJ78C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 5.0SMCJ78C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.02 20130822
5.0SMCJ Series
Uni
Bi
Min (V) Max (V) IT (mA)
5.0SMCJ70
5.0SMCJ70C
5PGN
5BGN
77.80
95.10
1
5
70.0
40.0
125.0
5.0SMCJ70A
5.0SMCJ70CA
5PGP
5BGP
77.80
86.00
1
5
70.0
44.2
113.0
5.0SMCJ75
5.0SMCJ75C
5PGQ
5BGQ
83.30
102.0
1
5
75.0
37.3
134.0
5.0SMCJ75A
5.0SMCJ75CA
5PGR
5BGR
83.30
92.10
1
5
75.0
41.3
121.0
5.0SMCJ78
5.0SMCJ78C
5PGS
5BGS
86.70
106.0
1
5
78.0
36.0
139.0
5.0SMCJ78A
5.0SMCJ78CA
5PGT
5BGT
86.70
95.80
1
5
78.0
39.7
126.0
5.0SMCJ80
5.0SMCJ80C
5PGA
5BGA
88.96
108.8
1
5
80.0
34.9
143.2
5.0SMCJ80A
5.0SMCJ80CA
5PGB
5BGB
88.80
97.60
1
5
80.0
38.6
129.6
5.0SMCJ85
5.0SMCJ85C
5PGU
5BGU
94.40
115.0
1
5
85.0
33.1
151.0
5.0SMCJ85A
5.0SMCJ85CA
5PGV
5BGV
94.40
104.0
1
5
85.0
36.5
137.0
5.0SMCJ90
5.0SMCJ90C
5PGW 5BGW
100.0
122.0
1
5
90.0
31.3
160.0
5.0SMCJ90A
5.0SMCJ90CA
5PGX
5BGX
100.0
111.0
1
5
90.0
34.2
146.0
5.0SMCJ100
5.0SMCJ100C
5PGY
5BGY
111.0
136.0
1
5
100.0
27.9
179.0
5.0SMCJ100A 5.0SMCJ100CA
5PGZ
5BGZ
111.0
123.0
1
5
100.0
30.9
162.0
5.0SMCJ110
5.0SMCJ110C
5PHD
5BHD
122.0
149.0
1
5
110.0
25.5
196.0
5.0SMCJ110A 5.0SMCJ110CA
5PHE
5BHE
122.0
135.0
1
5
110.0
28.2
177.0
5.0SMCJ120
5.0SMCJ120C
5PHF
5BHF
133.0
163.0
1
5
120.0
23.4
214.0
5.0SMCJ120A 5.0SMCJ120CA 5PHG
5BHG
133.0
147.0
1
5
120.0
25.9
193.0
5.0SMCJ130
5.0SMCJ130C
5PHH
5BHH
144.0
176.0
1
5
130.0
21.6
231.0
5.0SMCJ130A 5.0SMCJ130CA 5PHK
5BHK
144.0
159.0
1
5
130.0
23.9
209.0
5.0SMCJ140
5.0SMCJ140C
5PHA
5BHA
155.7
190.4
1
5
140.0
20.0
250.6
5.0SMCJ140A 5.0SMCJ140CA
5PHB
5BHB
155.0
171.0
1
5
140.0
22.0
226.8
5.0SMCJ150
5.0SMCJ150C
5PHL
5BHL
167.0
204.0
1
5
150.0
18.7
268.0
5.0SMCJ150A 5.0SMCJ150CA 5PHM
5BHM
167.0
185.0
1
5
150.0
20.6
243.0
5.0SMCJ160
5.0SMCJ160C
5PHN
5BHN
178.0
218.0
1
5
160.0
17.4
287.0
5.0SMCJ160A 5.0SMCJ160CA
5PHP
5BHP
178.0
197.0
1
5
160.0
19.3
259.0
5.0SMCJ170
5.0SMCJ170C
5PHQ
5BHQ
189.0
231.0
1
5
170.0
16.4
304.0
5.0SMCJ170A 5.0SMCJ170CA
5PHR
5BHR
189.0
209.0
1
5
170.0
18.2
275.0
5.0SMCJ180
5.0SMCJ180C
5PHS
5BHS
200.2
244.8
1
5
180.0
15.5
322.2
5.0SMCJ180A 5.0SMCJ180CA
5PHT
5BHT
200.0
220.0
1
5
180.0
17.1
291.6
5.0SMCJ190
5.0SMCJ190C
5PHU
5BHU
211.3
258.4
1
5
190.0
14.7
340.1
5.0SMCJ190A 5.0SMCJ190CA 5PHV
5BHV
211.0
232.0
1
5
190.0
16.2
307.8
5.0SMCJ200A 5.0SMCJ200CA 5PHW 5BHW
224.0
247.0
1
5
200.0
15.4
324.0
5.0SMCJ220A 5.0SMCJ220CA 5PHX
5BHX
246.0
272.0
1
5
220.0
14.0
356.0
5.0SMCJ250A 5.0SMCJ250CA
5PHZ
5BHZ
279.0
309.0
1
5
250.0
12.3
405.0
5.0SMCJ300A 5.0SMCJ300CA
5PJE
5BJE
335.0
371.0
1
5
300.0
10.3
486.0
5.0SMCJ350A 5.0SMCJ350CA
5PJG
5BJG
391.0
432.0
1
5
350.0
8.8
567.0
5.0SMCJ400A 5.0SMCJ400CA
5PJK
5BJK
447.0
494.0
1
5
400.0
7.7
648.0
5.0SMCJ440A 5.0SMCJ440CA
5PJM
5BJM
492.0
543.0
1
5
440.0
7.0
713.0
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Maximum
Clamping
Voltage VC
@IPP
(V)
Breakdown Voltage VBR @
IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
ELECTRICAL CHARACTERISTICS


Similar Part No. - 5.0SMCJ78C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
5.0SMCJ78CA RECTRON-5.0SMCJ78CA Datasheet
521Kb / 6P
   Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
More results

Similar Description - 5.0SMCJ78C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com