Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0376 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0376
Description  3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0376 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0376 Datasheet HTML 6Page - Texas Instruments LMH0376 Datasheet HTML 7Page - Texas Instruments LMH0376 Datasheet HTML 8Page - Texas Instruments LMH0376 Datasheet HTML 9Page - Texas Instruments LMH0376 Datasheet HTML 10Page - Texas Instruments LMH0376 Datasheet HTML 11Page - Texas Instruments LMH0376 Datasheet HTML 12Page - Texas Instruments LMH0376 Datasheet HTML 13Page - Texas Instruments LMH0376 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LMH0376
SNAS583A – APRIL 2012 – REVISED JULY 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS - SPI
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
fSCK
SCK Frequency
SCK
20
MHz
tPH
SCK Pulse Width High
See Figure 4, Figure 5
40
% SCK
period
tPL
SCK Pulse Width Low
40
% SCK
period
tSU
MOSI Setup Time
See Figure 4, Figure 5 MOSI
4
ns
tH
MOSI Hold Time
4
ns
tSSSU
SS Setup Time
See Figure 4, Figure 5 SS
14
ns
tSSH
SS Hold Time
4
ns
tSSOF
SS Off Time
1
SCK
period
Switching Characteristics
tODZ
MISO Driven-to-Tristate Time
See Figure 5
MISO
20
ns
tOZD
MISO Tristate-to-Driven Time
10
ns
tOD
MISO Output Delay Time
15
ns
(1)
The Electrical Characteristics tables list ensures specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations.
(2)
Typical values represent most likely parametric norms at VCC = +2.5V, TA = +25°C, and at the Recommended Operating Conditions at
the time of product characterization and are not specified.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0376


Similar Part No. - LMH0376

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
More results

Similar Description - LMH0376

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0366 TI1-LMH0366_13 Datasheet
908Kb / 38P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0366 TI1-LMH0366 Datasheet
137Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com