Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP92064 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92064
Description  Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92064 Datasheet(HTML) 3 Page - Texas Instruments

  LMP92064 Datasheet HTML 1Page - Texas Instruments LMP92064 Datasheet HTML 2Page - Texas Instruments LMP92064 Datasheet HTML 3Page - Texas Instruments LMP92064 Datasheet HTML 4Page - Texas Instruments LMP92064 Datasheet HTML 5Page - Texas Instruments LMP92064 Datasheet HTML 6Page - Texas Instruments LMP92064 Datasheet HTML 7Page - Texas Instruments LMP92064 Datasheet HTML 8Page - Texas Instruments LMP92064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SDI
SDO
DAP
DGND
VDIG
5
6
7
8
INVP
INVG
GND
VDD
12
11
10
9
1
2
3
4
REFC
REFG
INCP
INCN
16
15
14
13
RESET
RESERVED
CSB
SCLK
LMP92064
www.ti.com
SNOSCX0 – JUNE 2013
CONNECTION DIAGRAM
Figure 2. Top View
WSON-16 Package
Table 1. Pin Descriptions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
1
REFC
n/a
Internal reference bypass capacitor pin
2
REFG
G
Internal reference ground
3
INCP
I
Positive current channel input
4
INCN
I
Negative current channel input
5
INVP
I
Positive voltage channel input
6
INVG
G
Ground reference for the negative voltage channel input
7
GND
G
Analog ground
8
VDD
P
Analog power supply
9
VDIG
P
Digital power supply
10
DGND
G
Digital ground
11
SDO
O
SPI Bus push-pull serial data digital output
12
SDI
I
SPI Bus serial data digital input
13
SCLK
I
SPI Bus clock digital input
14
CSB
I
SPI Bus chip select bar digital input
15
RESERVED
n/a
Reserved (Do not connect)
16
RESET
I
Reset (high-active)
n/a
DAP
n/a
No connection (Do not connect)
(1)
G = Ground, I = Input, O = Output, P = Power
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP92064


Similar Part No. - LMP92064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD TI1-LMP92064SD Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SD/NOPB TI1-LMP92064SD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE TI1-LMP92064SDE Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064SDE/NOPB TI1-LMP92064SDE/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
More results

Similar Description - LMP92064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI1-LMP92064 Datasheet
1Mb / 29P
[Old version datasheet]   Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
   High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
   Bidirectional precision high-side current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com