Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT88 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMT88
Description  LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT88 Datasheet(HTML) 4 Page - Texas Instruments

  LMT88 Datasheet HTML 1Page - Texas Instruments LMT88 Datasheet HTML 2Page - Texas Instruments LMT88 Datasheet HTML 3Page - Texas Instruments LMT88 Datasheet HTML 4Page - Texas Instruments LMT88 Datasheet HTML 5Page - Texas Instruments LMT88 Datasheet HTML 6Page - Texas Instruments LMT88 Datasheet HTML 7Page - Texas Instruments LMT88 Datasheet HTML 8Page - Texas Instruments LMT88 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LMT88
SNIS175 – MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits TA = TJ = 25°C; Unless otherwise noted.
UNIT
PARAMETER
CONDITIONS
TYPICAL(1)
MAX(2)
(Limit)
TA = 25°C to 30°C
±1.5
±4.0
°C (max)
TA = 130°C
±5.0
°C (max)
TA = 125°C
±5.0
°C (max)
TA = 100°C
±4.7
°C (max)
Temperature to Voltage Error
TA = 85°C
±4.6
°C (max)
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639V(3)
TA = 80°C
±4.5
°C (max)
TA = 0°C
±4.4
°C (max)
TA = –30°C
±4.7
°C (min)
TA = –40°C
±4.8
°C (max)
TA = –55°C
±5.0
°C (max)
Output Voltage at 0°C
1.8639
V
Variance from Curve
±1.0
°C
Non-Linearity (4)
–20°C
≤ TA ≤ 80°C
±0.4%
Sensor Gain (Temperature Sensitivity or Average Slope)
−11.0
mV/°C (min)
–30°C
≤ TA ≤ 100°C
−11.77
to equation: VO=−11.77 mV/ °C×T+1.860V
−12.6
mV/°C (max)
Output Impedance
0
μA ≤ IL ≤ 16 μA
(5) (6)
160
Ω (max)
Load Regulation(7)
0
μA ≤ IL ≤ 16 μA
(5) (6)
−2.5
mV (max)
2.4 V
≤ V+ ≤ 5.0V
3.7
mV/V (max)
Line Regulation(8)
5.0 V
≤ V+ ≤ 5.5 V
11
mV (max)
2.4V
≤ V+ ≤ 5.0V
4.5
7
μA (max)
Quiescent Current
5.0V
≤ V+ ≤ 5.5V
4.5
9
μA (max)
2.4V
≤ V+ ≤ 5.0V
4.5
10
μA (max)
Change of Quiescent Current
2.4 V
≤ V+ ≤ 5.5V
0.7
μA
Temperature Coefficient of Quiescent Current
−11
nA/°C
Shutdown Current
V+
≤ 0.8 V
0.02
μA
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and
temperature (expressed in°C).
(4)
Non-Linearity is defined as the deviation of the calculated output-voltage-versus-temperature curve from the best-fit straight line, over
the temperature range specified.
(5)
Negative currents are flowing into the LMT88. Positive currents are flowing out of the LMT88. Using this convention the LMT88 can at
most sink
−1 μA and source 16 μA.
(6)
Load regulation or output impedance specifications apply over the supply voltage range of 2.4V to 5.5V.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest
supply input voltage.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMT88


Similar Part No. - LMT88

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
LMT88DCKR TI-LMT88DCKR Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
LMT88DCKT TI-LMT88DCKT Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
More results

Similar Description - LMT88

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com