Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62130 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62130
Description  4-17V 3A Step-Down Converter with DCS-ControlTM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62130 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62130 Datasheet HTML 6Page - Texas Instruments TLV62130 Datasheet HTML 7Page - Texas Instruments TLV62130 Datasheet HTML 8Page - Texas Instruments TLV62130 Datasheet HTML 9Page - Texas Instruments TLV62130 Datasheet HTML 10Page - Texas Instruments TLV62130 Datasheet HTML 11Page - Texas Instruments TLV62130 Datasheet HTML 12Page - Texas Instruments TLV62130 Datasheet HTML 13Page - Texas Instruments TLV62130 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=0.1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
0.01
0.02
0.03
0.04
0.05
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
20.0
40.0
60.0
80.0
100.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
TLV62130, TLV62130A
SLVSB74B – FEBRUARY 2012 – REVISED JUNE 2013
www.ti.com
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 22. High-Side Switch Resistance
Figure 23. Low-Side Switch Resistance
OUTPUT VOLTAGE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 24. Output Voltage Ripple
Figure 25. Maximum Output Current
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 26. Power Supply Rejection Ratio, fSW=2.5MHz
Figure 27. Power Supply Rejection Ratio, fSW=2.5MHz
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV62130 TLV62130A


Similar Part No. - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
More results

Similar Description - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com