Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117F-ADJ Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117F-ADJ
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117F-ADJ Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117F-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM1117F-ADJ Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 11 -
HTC
TYPICAL OPERATING CHARACTERISTICS
Fig.7 OUTPUT VOLTAGE CHANGE VS TEMPERATURE
Fig.8 DROPOUT VOLTAGE VS OUTPUT CURRENT
Fig.9 OUTPUT SHORT CIRCUIT CURRENT VS
DIFFERENTIAL VOLTAGE
Fig.10 OUTPUT SHORT CIRCUIT CURRENT VS
TEMPERATURE
Fig.11 ADJ PIN CURRENT VS TEMPERATURE
Fig.12 QUIESCENT CURRENT CHANGE VS TEMPERATURE


Similar Part No. - LM1117F-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117F-ADJ HTC-LM1117F-ADJ Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
More results

Similar Description - LM1117F-ADJ

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Nisshinbo Micro Devices...
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com