Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3780 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780
Description  Low-Power, Dual-Voltage Detector in Small SON Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3780 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3780 Datasheet HTML 1Page - Texas Instruments TPS3780 Datasheet HTML 2Page - Texas Instruments TPS3780 Datasheet HTML 3Page - Texas Instruments TPS3780 Datasheet HTML 4Page - Texas Instruments TPS3780 Datasheet HTML 5Page - Texas Instruments TPS3780 Datasheet HTML 6Page - Texas Instruments TPS3780 Datasheet HTML 7Page - Texas Instruments TPS3780 Datasheet HTML 8Page - Texas Instruments TPS3780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SENSE2
OUT1
VCC
GND
RST
VCC1
DSP
CPU
FPGA
TPS3779
GND
SENSE1
OUT2
INT
IN
V2
DRY PACKAGE
1.45-mm
1-mm SON
(TOP VIEW)
´
SENSE1
GND
SENSE2
VCC
OUT1
OUT2
1
2
3
6
5
4
TPS3779
TPS3780
www.ti.com
SBVS216B – SEPTEMBER 2012 – REVISED MAY 2013
Low-Power, Dual-Voltage Detector in Small µSON Package
Check for Samples: TPS3779, TPS3780
1
FEATURES
DESCRIPTION
The TPS3779 and TPS3780 are a family of two-
2
Very Small Package: 1.45-mm × 1-mm µSON
channel voltage detectors with low-power and high-
Low Quiescent Current: 1.8 µA (typ)
accuracy comparators, and are available in a very
High Threshold and Hysteresis Accuracy:
small µSON package. The SENSE1 and SENSE2
1.0%
inputs include a built-in hysteresis for filtering to reject
brief
glitches,
thereby
ensuring
stable
output
Adjustable Thresholds
operation without false triggering. This family offers
Different Hysteresis Options:
different factory-set hysteresis options of 0.5%, 1%,
0.5%, 1%, 5%, and 10%
5%, or 10%.
Temperature Range: –40°C to +125°C
The TPS3779 and TPS3780 have adjustable SENSE
Push-Pull (TPS3779) and Open-Drain
inputs that can be configured by an external resistor
divider. When the voltage at the SENSE1 or SENSE2
(TPS3780) Output Options
input goes below the falling threshold, OUT1 or OUT2
is
driven
low,
respectively.
When
SENSE1
or
APPLICATIONS
SENSE2 rises above the rising threshold, OUT1 or
DSPs, Microcontrollers, or Microprocessors
OUT2 goes high, respectively.
Applications
The devices have a very low quiescent current of
Portable and Battery-Powered Products
1.8 µA (typical) and provide a precise, space-
Cell Phones and PDAs
conscious solution for voltage detection suitable for
low-power
system-monitoring
and
portable
Notebook and Desktop Computers
applications. The TPS3779 and TPS3780 operate
Set-Top Boxes
from 1.5 V to 6.5 V, over the –40°C to +125°C
temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3780

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780-Q1 TI1-TPS3780-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADBVR TI1-TPS3780ADBVR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADBVT TI1-TPS3780ADBVT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYR TI1-TPS3780ADRYR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYT TI1-TPS3780ADRYT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
More results

Similar Description - TPS3780

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Shanghai Consonance Ele...
CN303 CONSONANCE-CN303 Datasheet
211Kb / 8P
   Low Power, Dual-Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com