Electronic Components Datasheet Search |
|
TPS51275B Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS51275B Datasheet(HTML) 3 Page - Texas Instruments |
3 / 31 page TPS51275, TPS51275B, TPS51275C www.ti.com SLUSB45B – JUNE 2012 – REVISED MARCH 2013 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) VALUE UNIT MIN MAX VBST1, VBST2 –0.3 32 VBST1, VBST2(3) –0.3 6 SW1, SW2 –6.0 26 Input voltage(2) VIN –0.3 26 V EN1, EN2 –0.3 6 VFB1, VFB2 –0.3 3.6 VO1 –0.3 6 DRVH1, DRVH2 –6.0 32 DRVH1, DRVH2(3) –0.3 6 DRVH1, DRVH2(3) (pulse width < 20 ns) –2.5 6 Output voltage(2) DRVL1, DRVL2 –0.3 6 V DRVL1, DRVL2 (pulse width < 20 ns) –2.5 6 PGOOD, VCLK, VREG5 –0.3 6 VREG3, CS1, CS2 –0.3 3.6 HBM QSS 009-105 (JESD22-A114A) 2 Electrostatic discharge kV CDM QSS 009-147 (JESD22-C101B.01) 1 Junction temperature, TJ 150 °C Storage temperature, TST –55 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to the network ground terminal unless otherwise noted (3) Voltage values are with respect to SW terminals. THERMAL INFORMATION TPS51275 TPS51275B THERMAL METRIC(1) UNITS TPS51275C 20-PIN RUK θJA Junction-to-ambient thermal resistance 94.1 θJCtop Junction-to-case (top) thermal resistance 58.1 θJB Junction-to-board thermal resistance 64.3 °C/W ψJT Junction-to-top characterization parameter 31.8 ψJB Junction-to-board characterization parameter 58.0 θJCbot Junction-to-case (bottom) thermal resistance 5.9 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Similar Part No. - TPS51275B |
|
Similar Description - TPS51275B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |