Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX033 Datasheet(PDF) 6 Page - Texas Instruments

Part # FX033
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FX033 Datasheet HTML 2Page - Texas Instruments FX033 Datasheet HTML 3Page - Texas Instruments FX033 Datasheet HTML 4Page - Texas Instruments FX033 Datasheet HTML 5Page - Texas Instruments FX033 Datasheet HTML 6Page - Texas Instruments FX033 Datasheet HTML 7Page - Texas Instruments FX033 Datasheet HTML 8Page - Texas Instruments FX033 Datasheet HTML 9Page - Texas Instruments FX033 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PGND
REFIN2
PGND
REFIN
PGND
VREF
PGND
NU
PGND
EN
Thermal Pad
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
RVE PACKAGE
28 PINS
(TOP VIEW)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363


Similar Part No. - FX033

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0330 BULGIN-FX0330 Datasheet
1Mb / 18P
   FUSEHOLDERS
FX0330 BULGIN-FX0330 Datasheet
110Kb / 1P
   PC Mounting PC1, PC2 and PC3
FX0331 BULGIN-FX0331 Datasheet
79Kb / 1P
   Base Mounting, PC1
FX0331 BULGIN-FX0331 Datasheet
1Mb / 18P
   FUSEHOLDERS
More results

Similar Description - FX033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
LP87521-Q1 TI1-LP87521-Q1 Datasheet
2Mb / 97P
[Old version datasheet]   10-A Buck Converter With Integrated Switches
TPSM82480 TI1-TPSM82480 Datasheet
1Mb / 31P
[Old version datasheet]   5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
TPS54229 TI1-TPS54229 Datasheet
801Kb / 24P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
TPS54229 TI-TPS54229_15 Datasheet
729Kb / 25P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com