Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX033Z Datasheet(PDF) 11 Page - Texas Instruments

Part # FX033Z
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033Z Datasheet(HTML) 11 Page - Texas Instruments

Back Button FX033Z Datasheet HTML 7Page - Texas Instruments FX033Z Datasheet HTML 8Page - Texas Instruments FX033Z Datasheet HTML 9Page - Texas Instruments FX033Z Datasheet HTML 10Page - Texas Instruments FX033Z Datasheet HTML 11Page - Texas Instruments FX033Z Datasheet HTML 12Page - Texas Instruments FX033Z Datasheet HTML 13Page - Texas Instruments FX033Z Datasheet HTML 14Page - Texas Instruments FX033Z Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 1µH + 6
× 22µF
fSW = 400kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.35V
G015
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF
fSW = 800kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.35V
G016
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 1µH + 6
× 22µF
fSW = 400kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.05V
G013
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF
fSW = 800kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.05V
G014
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
GAIN and PHASE
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
GAIN and PHASE
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 17. f = 400kHz, VIN = 20V, IOUT = 0.1A
Figure 18. f = 400kHz, VIN = 20V, IOUT = 8A
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS51363


Similar Part No. - FX033Z

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0330 BULGIN-FX0330 Datasheet
1Mb / 18P
   FUSEHOLDERS
FX0330 BULGIN-FX0330 Datasheet
110Kb / 1P
   PC Mounting PC1, PC2 and PC3
FX0331 BULGIN-FX0331 Datasheet
79Kb / 1P
   Base Mounting, PC1
FX0331 BULGIN-FX0331 Datasheet
1Mb / 18P
   FUSEHOLDERS
More results

Similar Description - FX033Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
LP87521-Q1 TI1-LP87521-Q1 Datasheet
2Mb / 97P
[Old version datasheet]   10-A Buck Converter With Integrated Switches
TPSM82480 TI1-TPSM82480 Datasheet
1Mb / 31P
[Old version datasheet]   5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
TPS54229 TI1-TPS54229 Datasheet
801Kb / 24P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
TPS54229 TI-TPS54229_15 Datasheet
729Kb / 25P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com