Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2532I-1080AENTR Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2532I-1080AENTR
Description  USB 2.0 Hi-Speed 2-Port Hub Controller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2532I-1080AENTR Datasheet(HTML) 1 Page - SMSC Corporation

  USB2532I-1080AENTR Datasheet HTML 1Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 2Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 3Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 4Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 5Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 6Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 7Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 8Page - SMSC Corporation USB2532I-1080AENTR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
SMSC USB2532
Revision 1.0 (06-17-13)
DATASHEET
Datasheet
PRODUCT FEATURES
USB2532
USB 2.0 Hi-Speed 2-Port Hub Controller
Highlights
Hub Controller IC with 2 downstream ports
USB-IF Battery Charger revision 1.2 support on up &
downstream ports (DCP, CDP, SDP)
Battery charging support for Apple® devices
FlexConnect: Downstream port 1 able to swap with
upstream port, allowing master capable devices to
control other devices on the hub
USB to I2CTM bridge endpoint support
USB Link Power Management (LPM) support
SUSPEND pin for remote wakeup indication to host
Vendor Specific Messaging (VSM) support
Enhanced OEM configuration options available
through a single serial I2CTM EEPROM, OTP, or
SMBus Slave Port
36-pin (6x6mm) SQFN, RoHS compliant package
Footprint compatible with USB2512B
Target Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems
Additional Features
MultiTRAKTM
— Dedicated Transaction Translator per port
PortMap
— Configurable port mapping and disable sequencing
PortSwap
— Configurable differential intra-pair signal swapping
PHYBoostTM
— Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
— Programmable USB receiver sensitivity
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
Built-in Self-Powered or Bus-Powered internal default
settings provide flexibility in the quantity of USB
expansion ports utilized without redesign
Supports “Quad Page” configuration OTP flash
— Four consecutive 200 byte configuration pages
Fully integrated USB termination and Pull-up/Pull-
down resistors
On-chip Power On Reset (POR)
Internal 3.3V and 1.2V voltage regulators
On Board 24MHz Crystal Driver, Resonator, or
External 24MHz clock input
Environmental
— Commercial temperature range support (0ºC to 70ºC)
— Industrial temperature range support (-40ºC to 85ºC)


Similar Part No. - USB2532I-1080AENTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
More results

Similar Description - USB2532I-1080AENTR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
   2-Port USB 2.0 Hi-Speed Hub Controller
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
   2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
   USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
   USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
   USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
   USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
   USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
   USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com