Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117GF-1.8V Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117GF-1.8V
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117GF-1.8V Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM1117GF-1.8V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117GF-1.8V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 5 -
HTC
ELECTRICAL CHARACTERISTICS
For ADJ Output Voltage
(TA=25℃, CO = 10uF unless otherwise specified)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
VIN=5V, IO=10mA
1.238
1.250
1.262
V
VREF
Reference Voltage
IO = 10mA to 1A, VIN - VREF = 1.5V to
13.75V (TJ = 0 ~ 125℃)
1.219
1.281
V
Δ
VLINE
Line Regulation
IO = 10mA , VIN - VREF = 1.5V to 12V
0.1
0.2
%
Δ
VLOAD
Load Regulation
IO = 10mA to 1A, VIN - VREF = 2 V
0.2
0.4
%
VIN
Operating Input Voltage
12
V
IADJ
Adjustment pin Current
VIN - VREF = 1.5V to 12V, IO = 100mA
50
120
uA
Δ
IADJ
Adjustment Pin Current
Change
VIN - VREF = 1.5V to 12V,
IO = 100mA to 1A
0.5
5
uA
IO(MIN)
Minimum Load Current
VIN=5V, VREF=0V
5
10
mA
IO
Current Limit
VIN - VREF = 5V
1000
1250
1600
mA
EN
Output Noise(%VO)
B = 10Hz to 10kHz, TJ = 25℃
0.003
%
SVR
Supply Voltage Rejection
IO = 1A, f = 120Hz,
VIN - VREF = 3V, VRIPPLE = 1VPP
60
75
dB
For 1.2V Output Voltage
(TA=25℃, CO = 10uF unless otherwise specified)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Unit
VO
Output Voltage
VIN = 2.7V, IO = 10mA
1.176
1.200
1.224
V
VO
Output Voltage
VIN = 2.7V to 12V, IO = 0mA to 1A
(TJ = 0 ~ 125℃)
1.152
1.248
V
Δ
VLINE
Line Regulation
IO = 0mA , VIN = 2.7V to 12V
0.1
0.2
%
Δ
VLOAD
Load Regulation
IO = 10mA to 1A, VIN = 3.2V
0.2
0.4
%
VIN
Operating Input Voltage
12
V
ID
Quiescent Current
VIN - VO = 5V
5
10
IO
Current Limit
VIN - VO = 5V
1000
1250
1600
EN
Output Noise(%VO)
B = 10Hz to 10kHz, TJ = 25℃
0.003
%
SVR
Supply Voltage Rejection
IO = 1A, f = 120Hz,
VIN - VO = 1.5V, VRIPPLE = 1VPP
60
75
dB


Similar Part No. - LM1117GF-1.8V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Cystech Electonics Corp...
LM1117-1.5 CYSTEKEC-LM1117-1.5 Datasheet
185Kb / 4P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - LM1117GF-1.8V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Nisshinbo Micro Devices...
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com