Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53511 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53511
Description  4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53511 Datasheet HTML 6Page - Texas Instruments TPS53511 Datasheet HTML 7Page - Texas Instruments TPS53511 Datasheet HTML 8Page - Texas Instruments TPS53511 Datasheet HTML 9Page - Texas Instruments TPS53511 Datasheet HTML 10Page - Texas Instruments TPS53511 Datasheet HTML 11Page - Texas Instruments TPS53511 Datasheet HTML 12Page - Texas Instruments TPS53511 Datasheet HTML 13Page - Texas Instruments TPS53511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
V =18V
I
V =5V
I
V =12V
I
1.1
1.075
1.05
1.025
1
0
1.5
3
I -OutputCurrent- A
O
1
0.5
2.5
2
I =10mA
O
I =1mA
O
1.1
1.075
1.05
1.025
1
0
10
20
V -InputVoltage-V
I
5
15
8
6
4
2
0
-50
50
150
T -JunctionTemperature-°C
J
0
100
1200
1000
800
400
200
0
-50
50
150
T - Junction Temperature - °C
J
600
0
100
TPS53511
SLUSBG4 – MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. VCC SUPPLY CURRENT vs. JUNCTION
Figure 2. VCC SHUTDOWN CURRENT VS. JUNCTION
TEMPERATURE
TEMPERATURE
Figure 3. 1.05-V Output Voltage vs. Output Current
Figure 4. 1.05-V Output Voltage vs. Input Voltage
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS53511


Similar Part No. - TPS53511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI1-TPS53511 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTR TI1-TPS53511RGTR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTR TI-TPS53511RGTR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTT TI1-TPS53511RGTT Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com