Electronic Components Datasheet Search |
|
LM1117S-2.5V Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117S-2.5V Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co. |
8 / 12 page 1A L.D.O VOLTAGE REGULATOR LM1117 Mar. 2013 Rev. 1.22 - 8 - HTC For 3.3V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 4.8V, IO = 10mA 3.267 3.3 3.333 V VO Output Voltage VIN = 4.8V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 3.234 3.366 V Δ VLINE Line Regulation IO = 0mA , VIN = 4.8V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 5.3 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB For 5.0V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 6.5V, IO = 10mA 4.950 5.0 5.050 V VO Output Voltage VIN = 6.5V to 15V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 4.900 5.100 V Δ VLINE Line Regulation IO = 0mA , VIN = 6.5V to 15V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 7.0 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB |
Similar Part No. - LM1117S-2.5V |
|
Similar Description - LM1117S-2.5V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |