Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F385900 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # F385900
Description  SEALED CONNECTOR SYSTEM MX123 QUAD ROW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

F385900 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  F385900 Datasheet HTML 1Page - Molex Electronics Ltd. F385900 Datasheet HTML 2Page - Molex Electronics Ltd. F385900 Datasheet HTML 3Page - Molex Electronics Ltd. F385900 Datasheet HTML 4Page - Molex Electronics Ltd. F385900 Datasheet HTML 5Page - Molex Electronics Ltd. F385900 Datasheet HTML 6Page - Molex Electronics Ltd. F385900 Datasheet HTML 7Page - Molex Electronics Ltd. F385900 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
TITLE:
34566/34576 SEALED CONNECTOR
SYSTEM
MX123 QUAD ROW
SHEET No.
F
EC No: UAU2013-0606
6 of 8
DATE:
2013/ 01 / 07
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-34566-0000
S. RAJENDRANATH
V. KOSHY
V. KOSHY
2.5FEATURES AND BENEFITS:
2.6 KNOWN APPLICATIONS:
3.0APPLICABLE DOCUMENTS AND SPECIFICATIONS
4.0 SAFETY APPROVALS
Description
Document Number
Sales Drawing
See section 2.1
Application Specification
AS-34566-001
Packaging Specification
See section 2.1
Agency
Approval Status
CSA File Number
Not Applicable
TUV License number
Not Applicable
UL File Number
Not Applicable
IMDS
Available upon request
Environmental Compliance
Available on molex.com
Receptacle and header housings with 6 unique mechanical polarization options and unique color coding
offers the ability to use multiple connectors on one module without the risk of cross-mating incorrect
harness connectors
Wire dress available in 2 options: 0 and 180° orientation allows for wire-routing design flexibility
Anti-scooping features are friendly to “blind-mate” conditions
Integrated PLR and CPA components reduce assembly complexity
Optional header terminal filtering eliminates cross talk between adjacent circuits
PCB tail customization available with solder-tail or compliant-pin technology, allowing for PCB design
flexibility
Header placement flexibility allows top or bottom header loading to streamline module manufacturing
process’s
Precious plating enables stable contact resistance under extreme temperature and vibration conditions
Lever retention lock on harness connector retains lever in pre-lock position for ease of installation
On Transmission (‘T’ control modules) and On Engine (‘E’ control modules.)
Automotive, Industrial and Recreational Vehicles.
Safety/ Chassis.
Body and Interior.
Information and Entertainment.


Similar Part No. - F385900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
F3850 FAIRCHILD-F3850 Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
F3850DC FAIRCHILD-F3850DC Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
F3850DM FAIRCHILD-F3850DM Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
F3850PC FAIRCHILD-F3850PC Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
F3851 FAIRCHILD-F3851 Datasheet
1Mb / 24P
   Program Storage Unit
More results

Similar Description - F385900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MX150 MOLEX-MX150 Datasheet
2Mb / 5P
   MX150 Sealed Connector System
2020
349674001 MOLEX-349674001 Datasheet
759Kb / 12P
   MINI50 SEALED RECEPTACLE CONNECTOR SYSTEM
10/16/2020
0313862001 MOLEX4-0313862001 Datasheet
567Kb / 5P
   2.54mm (.100") Pitch, MX123?
46055 MOLEX-46055 Datasheet
169Kb / 2P
   Mini-Fit H2O??Sealed Interconnect System
0345661703 MOLEX4-0345661703 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
0345661403 MOLEX4-0345661403 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
0345860001 MOLEX4-0345860001 Datasheet
105Kb / 2P
   MX123??0.64mm (.025") Grommet Seal Plug
34566-2003 MOLEX11-34566-2003 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
0638246300 MOLEX-0638246300 Datasheet
66Kb / 11P
   Extraction Toolkit for MXP120 Sealed Connection System
08/26/2022
34576-2003 MOLEX11-34576-2003 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com