Electronic Components Datasheet Search |
|
LM1117GRS-2.85V Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117GRS-2.85V Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co. |
6 / 12 page 1A L.D.O VOLTAGE REGULATOR LM1117 Mar. 2013 Rev. 1.22 - 6 - HTC For 1.5V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 3.0V , IO = 10mA 1.485 1.5 1.515 V VO Output Voltage VIN = 3.0V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 1.470 1.530 V Δ VLINE Line Regulation IO = 0mA , VIN = 3.0V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 3.5 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB For 1.8V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 3.3V, IO = 10mA 1.782 1.8 1.818 V VO Output Voltage VIN = 3.3V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 1.764 1.836 V Δ VLINE Line Regulation IO = 0mA , VIN = 3.3V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 0mA to 1A, VIN = 3.8 V 0.2 0.4 % VIN Operating Input Voltage IO = 100mA 12 V ID Quiescent Current VIN - VO = 5V 5 10 mA IO Current Limit VIN - VO = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 100 uV SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 3V, VRIPPLE = 1VPP 60 75 dB |
Similar Part No. - LM1117GRS-2.85V |
|
Similar Description - LM1117GRS-2.85V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |