Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61197DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61197DR
Description  Single-String WLED Driver for LCD TV
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61197DR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61197DR Datasheet HTML 1Page - Texas Instruments TPS61197DR Datasheet HTML 2Page - Texas Instruments TPS61197DR Datasheet HTML 3Page - Texas Instruments TPS61197DR Datasheet HTML 4Page - Texas Instruments TPS61197DR Datasheet HTML 5Page - Texas Instruments TPS61197DR Datasheet HTML 6Page - Texas Instruments TPS61197DR Datasheet HTML 7Page - Texas Instruments TPS61197DR Datasheet HTML 8Page - Texas Instruments TPS61197DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS61197
SLVSC25 – JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERING PART NUMBER
TOP MARK
-40°C to 85°C
16-Pin SOIC
TPS61197DR
TPS61197
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Pin VIN
–0.3
33
Pin FAULT
–0.3
VIN
Pin ISNS, IFB
–0.3
3.3
Voltage range(2)
V
Pin EN, PWM, VDD, GDRV, IDRV
–0.3
20
Pin GDRV 10ns transient
–2.0
20
All other pins
–0.3
7.0
HBM
2
kV
ESD rating
MM
200
V
CDM
1
kV
Continuous power dissipation
See Thermal Information Table
Operating junction temperature range
–40
150
°C
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal
THERMAL INFORMATION
TPS61197
THERMAL METRIC(1)
UNITS
SOIC (16 PINS)
θJA
Junction-to-ambient thermal resistance
85.8
θJCtop
Junction-to-case (top) thermal resistance
44.5
θJB
Junction-to-board thermal resistance
43.3
°C/W
ψJT
Junction-to-top characterization parameter
13.5
ψJB
Junction-to-board characterization parameter
42.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS61197


Similar Part No. - TPS61197DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193PWPR TI1-TPS61193PWPR Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
More results

Similar Description - TPS61197DR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
   High-Voltage WLED Driver For Large Panel TV Backlighting
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com