Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62140 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62140
Description  3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62140 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62140_13 Datasheet HTML 1Page - Texas Instruments TPS62140_13 Datasheet HTML 2Page - Texas Instruments TPS62140_13 Datasheet HTML 3Page - Texas Instruments TPS62140_13 Datasheet HTML 4Page - Texas Instruments TPS62140_13 Datasheet HTML 5Page - Texas Instruments TPS62140_13 Datasheet HTML 6Page - Texas Instruments TPS62140_13 Datasheet HTML 7Page - Texas Instruments TPS62140_13 Datasheet HTML 8Page - Texas Instruments TPS62140_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS62140, TPS62140A
TPS62141, TPS62142, TPS62143
www.ti.com
SLVSAJ0B – NOVEMBER 2011 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
over free-air temperature range (TA=-40°C to +85°C), typical values at VIN=AVIN=PVIN=12V and TA=25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range(1)
3
17
V
EN = High, IOUT = 0 mA, device not
IQ
Operating quiescent current
17
25
µA
switching
ISD
Shutdown current(2)
EN = Low
1.5
4
µA
VUVLO
Falling input voltage
2.6
2.7
2.8
V
Undervoltage lockout threshold
Hysteresis
200
mV
TSD
Thermal shutdown temperature
160
°C
Thermal shutdown hysteresis
20
CONTROL (EN, DEF, FSW, SS/TR, PG)
High-level input threshold voltage (EN, DEF,
VH
0.9
V
FSW)
VL
Low-level input threshold voltage (EN, DEF,
0.3
V
FSW)
ILKG
Input leakage current (EN, DEF, FSW)
EN, DEF, FSW = VIN or GND
0.01
1
µA
Rising (%VOUT)
92
95
98
VTH_PG
Power-good threshold voltage
%
Falling (%VOUT)
87
90
93
VOL_PG
Power-good output low
IPG= –2 mA
0.07
0.3
V
ILKG_PG
Input leakage current (PG)
VPG = 1.8 V
1
400
nA
ISS/TR
SS/TR pin source current
2.3
2.5
2.7
µA
POWER SWITCH
VIN ≥ 6 V
90
170
High-side MOSFET ON-resistance
m
Ω
VIN = 3 V
120
rDS(on)
VIN ≥ 6 V
40
70
Low-side MOSFET ON-resistance
m
Ω
VIN = 3 V
50
ILIMF
High-side MOSFET forward current limit(3)
VIN = 12 V, TA = 25°C
2.45
3
3.5
A
OUTPUT
VREF
Internal reference voltage(4)
0.8
V
ILKG_FB
Input leakage current (FB)
TPS62140, VFB = 0.8 V
1
100
nA
Output voltage range (TPS62140)
VIN ≥ VOUT
0.9
6.0
V
DEF (output voltage programming)
DEF = 0 (GND)
VOUT
DEF = 1 (VOUT)
VOUT + 5%
PWM mode operation, VIN ≥ VOUT + 1 V
–1.8
1.8
PWM mode operation, VIN ≥ VOUT +1 V,
Initial output voltage accuracy(5)
-1.5
1.6
%
VOUT
TA = –10°C to 85°C
Power-save mode operation, COUT=22µF
–2.3
2.8
Load regulation(6)
VIN = 12 V, VOUT = 3.3 V, PWM mode
0.05
%/A
operation
Line regulation(6)
3 V
≤ VIN ≤ 17 V, VOUT = 3.3 V, IOUT = 1 A,
0.02
%/V
PWM mode operation
(1)
The device is still functional down to undervoltage lockout (see parameter VUVLO).
(2)
Current into AVIN + PVIN pins
(3)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Current Limit and Short
Circuit Protection section).
(4)
This is the voltage regulated at the FB pin.
(5)
This is the accuracy provided by the device itself (line and load regulation effects are not included). For the fixed-voltage versions the
(internal) resistive divider is included.
(6)
Line and load regulation depend on external component selection and layout (see Figure 17 and Figure 18).
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62140 TPS62140A TPS62141 TPS62142 TPS62143


Similar Part No. - TPS62140_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
More results

Similar Description - TPS62140_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com