Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117RS-3.3V Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117RS-3.3V
Description  1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117RS-3.3V Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1117RS-3.3V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117RS-3.3V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1A L.D.O VOLTAGE REGULATOR
LM1117
Mar. 2013 Rev. 1.22
- 1 -
HTC
FEATURES
Output Current up to 1 A
Low Dropout Voltage (1.2V at 1A Output current)
Three Terminal Adjustable(ADJ) or Fixed 1.2V, 1.5V,
1.8V, 2.5V, 2.85V, 3.3V, 5.0V
Line Regulation typically at 0.1% max.
Load Regulation typically at 0.2% max.
Internal Current and Terminal Protection
Maximum Input Voltage 20V
Surface Mount Package SOT-223, TO-252, SOT-89
100% Thermal Limit Burn-In
Moisture Sensitivity Level 3
APPLICATION
Active SCSI Terminators
Portable/ Plan Top/ Notebook Computers
High Efficiency Linear Regulators
SMPS Post Regulators
Mother B/D Clock Supplies
Disk Drives
Battery Chargers
SOT-223 PKG
TO-252 PKG
SOT-89 PKG
ORDERING INFORMATION
Device
Package
LM1117S-ADJ
SOT-223 3L
LM1117S-X.X
LM1117GS-ADJ
LM1117GS-X.X
LM1117RS-ADJ
TO-252 3L
LM1117RS-X.X
LM1117GRS-ADJ
LM1117GRS-X.X
LM1117F-ADJ
SOT-89 3L
LM1117F-X.X
LM1117GF-ADJ
LM1117GF-X.X
X.X = Output Voltage = 1.2V, 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 5.0V
DESCRIPSION
The LM1117 is a low power positive-voltage regulator designed to meet 1A output current and comply with SCSI-II
specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered
applications, as active terminators for the SCSI bus, and portable computers. The LM1117 features very low
quiescent current and very low dropout voltage of 1V at a full load and lower as output current decreases.
LM1117 is available as an adjustable or fixed 1.2V, 1.5V, 1.8V, 2.5V, 2.85, 3.3V, and 5.0V output voltages. The
LM1117 is offered in a 3-pin surface mount package SOT-223, TO-252 & SOT-89. The output capacitor of 10㎌ or
larger is needed for output stability of LM1117 as required by most of the other regulator circuits.
Absolute Maximum Ratings
(TA = 25℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
DC Input Voltage
VIN
-
20
V
Lead Temperature (Soldering, 5 seconds)
TSOL
-
260
Operating Junction Temperature Range
TOPR
-40
125
Storage Temperature Range
TSTG
-65
150


Similar Part No. - LM1117RS-3.3V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117RS-ADJ HTC-LM1117RS-ADJ Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117RS-XX HTC-LM1117RS-XX Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
More results

Similar Description - LM1117RS-3.3V

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
   1A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Nisshinbo Micro Devices...
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com