Electronic Components Datasheet Search |
|
LM1117RS-5.0V Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co. |
|
LM1117RS-5.0V Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co. |
5 / 12 page 1A L.D.O VOLTAGE REGULATOR LM1117 Mar. 2013 Rev. 1.22 - 5 - HTC ELECTRICAL CHARACTERISTICS For ADJ Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VREF Reference Voltage VIN=5V, IO=10mA 1.238 1.250 1.262 V VREF Reference Voltage IO = 10mA to 1A, VIN - VREF = 1.5V to 13.75V (TJ = 0 ~ 125℃) 1.219 1.281 V Δ VLINE Line Regulation IO = 10mA , VIN - VREF = 1.5V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 10mA to 1A, VIN - VREF = 2 V 0.2 0.4 % VIN Operating Input Voltage 12 V IADJ Adjustment pin Current VIN - VREF = 1.5V to 12V, IO = 100mA 50 120 uA Δ IADJ Adjustment Pin Current Change VIN - VREF = 1.5V to 12V, IO = 100mA to 1A 0.5 5 uA IO(MIN) Minimum Load Current VIN=5V, VREF=0V 5 10 mA IO Current Limit VIN - VREF = 5V 1000 1250 1600 mA EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 0.003 % SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VREF = 3V, VRIPPLE = 1VPP 60 75 dB For 1.2V Output Voltage (TA=25℃, CO = 10uF unless otherwise specified) Symbol Parameters Condition Min. Typ. Max. Unit VO Output Voltage VIN = 2.7V, IO = 10mA 1.176 1.200 1.224 V VO Output Voltage VIN = 2.7V to 12V, IO = 0mA to 1A (TJ = 0 ~ 125℃) 1.152 1.248 V Δ VLINE Line Regulation IO = 0mA , VIN = 2.7V to 12V 0.1 0.2 % Δ VLOAD Load Regulation IO = 10mA to 1A, VIN = 3.2V 0.2 0.4 % VIN Operating Input Voltage 12 V ID Quiescent Current VIN - VO = 5V 5 10 ㎃ IO Current Limit VIN - VO = 5V 1000 1250 1600 ㎃ EN Output Noise(%VO) B = 10Hz to 10kHz, TJ = 25℃ 0.003 % SVR Supply Voltage Rejection IO = 1A, f = 120Hz, VIN - VO = 1.5V, VRIPPLE = 1VPP 60 75 dB |
Similar Part No. - LM1117RS-5.0V |
|
Similar Description - LM1117RS-5.0V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |